Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAS6011B Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6011B
Description  Solar Cell Energy Harvesting
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6011B Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6011B Datasheet HTML 1Page - Micro Analog systems MAS6011B Datasheet HTML 2Page - Micro Analog systems MAS6011B Datasheet HTML 3Page - Micro Analog systems MAS6011B Datasheet HTML 4Page - Micro Analog systems MAS6011B Datasheet HTML 5Page - Micro Analog systems MAS6011B Datasheet HTML 6Page - Micro Analog systems MAS6011B Datasheet HTML 7Page - Micro Analog systems MAS6011B Datasheet HTML 8Page - Micro Analog systems MAS6011B Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DA6011B.001
18 October, 2011
1 (10)
MAS6011B
Solar Cell Energy Harvesting
System Manager
• Ultra Low Power, 110nA
• Low Battery Indicator
• Precise Power Up/Down
• Battery Overcharging
Protection
DESCRIPTION
The MAS6011 solar cell system manager monitors
the supply voltage and charging of a battery-
powered system containing a small solar cell. The
current consumption of this IC is extremely low, 110
nA, which means the system can charge from very
low light conditions and also stay in power down
mode for years and still operate directly from the
battery before recharging.
To be able to charge a battery also in condition with
very limited light, a large solar cell is usually used.
This can on the other hand easily destroy the
battery due to over voltage during strong sun light.
MAS6011 solves this dilemma and will give secure
protection of a secondary 3V battery over a big
range of light strengths (lx).
Three output signals indicate the state of the
system. Power Down (XPD) indicates whether the
supply voltage is high enough to power up and run
the system. Low Battery (LB) is used to signal the
condition when the battery capacity is low and
when to move to power saving mode. The third
signal, SOL, is used for battery charging control.
When the battery is full it bypasses the charging
current by an internal shunt switch to avoid
overcharging. The SW pin can also be used to
control an external shunt switch for higher currents.
FEATURES
APPLICATIONS
•
Ultra Low Current Consumption, typ 110nA
•
Low Supply Voltage Operation, min 2.0V
•
Battery Overcharging Protection
•
Power On Indicator and secure Power ON after
shut down
•
Deep discharge protection of battery during
shut down mode
•
Precise Shut Down and precise Low Battery
warning threshold levels
•
Suitable for rechargeable 3V Lithium Vanadium
Pentoxide (VL-type) batteries
•
Solar Powered Watch
•
Solar Powered Wireless Sensor
•
Solar Powered Devices with Back-Up
•
GPS Modules
•
Time Code Receiver modules
•
Electronic locks
•
Energy Harvesting
XPD
VDD
SOL
GND
MAS6011
LB
SW


Similar Part No. - MAS6011B

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6011 MAS-MAS6011 Datasheet
170Kb / 8P
Solar Cell System Manager
MAS6011AA3Q1306 MAS-MAS6011AA3Q1306 Datasheet
170Kb / 8P
Solar Cell System Manager
MAS6011AA3WA300 MAS-MAS6011AA3WA300 Datasheet
170Kb / 8P
Solar Cell System Manager
More results

Similar Description - MAS6011B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17710 MAXIM-MAX17710 Datasheet
1Mb / 17P
Energy-Harvesting Charger and Protector Lithium Cell Undervoltage Protection
Rev 0; 6/11
logo
Cymbet Corporation
CBC915-ACA CYMBET-CBC915-ACA Datasheet
780Kb / 16P
EnerChip??Energy Processor for Energy Harvesting Applications
CBC915 CYMBET-CBC915 Datasheet
769Kb / 16P
EnerChip Energy Processor for Energy Harvesting Applications
logo
List of Unclassifed Man...
EHE001 ETC2-EHE001 Datasheet
138Kb / 1P
ENERGY HARVESTING ELECTRONICS
EHE004 ETC2-EHE004 Datasheet
837Kb / 8P
ENERGY HARVESTING ELECTRONICS
logo
Cypress Semiconductor
MB39C811 CYPRESS-MB39C811 Datasheet
2Mb / 36P
Ultra Low Power Buck PMIC Solar/Vibrations Energy Harvesting
logo
Microchip Technology
MCP1810 MICROCHIP-MCP1810 Datasheet
1Mb / 32P
Energy Harvesting
06/23/16
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
EM Microelectronic - MA...
EM8502 EMMICRO-EM8502 Datasheet
1Mb / 29P
POWER MANAGEMENT CONTROLLER WITH MULTI-CELL SOLAR HARVESTING
logo
Nexperia B.V. All right...
NEH2000BY NEXPERIA-NEH2000BY Datasheet
411Kb / 14P
Energy harvesting PMIC
Rev. 3.1 - 3 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com