Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD28msp01KST Datasheet(PDF) 22 Page - Analog Devices

Part # AD28msp01KST
Description  PSTN Signal Port
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28msp01KST Datasheet(HTML) 22 Page - Analog Devices

Back Button AD28msp01KST Datasheet HTML 18Page - Analog Devices AD28msp01KST Datasheet HTML 19Page - Analog Devices AD28msp01KST Datasheet HTML 20Page - Analog Devices AD28msp01KST Datasheet HTML 21Page - Analog Devices AD28msp01KST Datasheet HTML 22Page - Analog Devices AD28msp01KST Datasheet HTML 23Page - Analog Devices AD28msp01KST Datasheet HTML 24Page - Analog Devices AD28msp01KST Datasheet HTML 25Page - Analog Devices AD28msp01KST Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD28msp01
REV. A
–22–
DIGITAL TEST CONDITIONS
3.0V
1.5V
0.0V
2.0V
1.5V
0.8V
DIGITAL INPUT
DIGITAL OUTPUT
Figure 20. Voltage Reference Levels for AC Measurements
(Except Output Enable/Disable)
50pF
+1.5V
IOL
IOH
TO DIGITAL
OUTPUT PIN
Figure 21. Equivalent Device Loading for AC Measurements
(Includes ALI Fixtures)
GAIN
Parameter
Min
Typ
Max
Unit
Test Conditions
ADC Absolute Gain
–0.5
0
0.5
dBm0
1.0 kHz, 0 dBm0
ADC Gain Tracking Error
–0.1
0
0.1
dBm0
1.0 kHz, +3 and –60 dBm0
DAC Absolute Gain
–0.5
0
0.5
dBm0
1.0 kHz, 0 dBm0
DAC Gain Tracking Error
–0.1
0
0.1
dBm0
1.0 kHz, +3 and –60 dBm0
FREQUENCY RESPONSE*
ADC
9.6 kHz
8.0 kHz
7.2 kHz
Passband Ripple
<0.2 dB
<0.2 dB
<0.2 dB
Low-Pass Passband Cutoff Frequency
3.4 kHz
3.4 kHz
3.3 kHz
Low-Pass Stopband Cutoff Frequency
4.8 kHz
4.0 kHz
3.6 kHz
High-Pass Passband Cutoff Frequency
220 Hz
220 Hz
220 Hz
High-Pass Stopband Cutoff Frequency
60 Hz
60 Hz
60 Hz
Low-Pass Stopband Rejection
–50 dB
–50 dB
–50 dB
High-Pass Stopband Rejection
–50 dB
–50 dB
–50 dB
DAC
9.6 kHz
8.0 kHz
7.2 kHz
Passband Ripple
<0.2 dB
<0.2 dB
<0.2 dB
Passband Cutoff Frequency
3.4 kHz
3.4 kHz
3.4 kHz
Low-Pass Stopband Cutoff Frequency
4.8 kHz
4.0 kHz
3.6 kHz
Stopband Rejection
–50 dB
–50 dB
–50 dB
*Frequency Response is guaranteed but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com