Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD2S99 Datasheet(PDF) 1 Page - Analog Devices

Part # AD2S99
Description  Programmable Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S99 Datasheet(HTML) 1 Page - Analog Devices

  AD2S99 Datasheet HTML 1Page - Analog Devices AD2S99 Datasheet HTML 2Page - Analog Devices AD2S99 Datasheet HTML 3Page - Analog Devices AD2S99 Datasheet HTML 4Page - Analog Devices AD2S99 Datasheet HTML 5Page - Analog Devices AD2S99 Datasheet HTML 6Page - Analog Devices AD2S99 Datasheet HTML 7Page - Analog Devices AD2S99 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Programmable
Oscillator
FUNCTIONAL BLOCK DIAGRAM
FREQUENCY
SELECT
SINE WAVE
GENERATOR
PHASE
DETECT
LOGIC
SIN
COS
FROM
TRANSDUCER
FBIAS
SEL1
SEL2
AD2S99
EXC
SYNREF
SYNCHRONOUS
REFERENCE
LOS
TO
TRANSDUCER
PUSH/
PULL
O/P STAGE
EXC
PRODUCT HIGHLIGHTS
Dynamic Phase Compensation
The AD2S99 dynamically compensates for any phase variation
in a transducer by phase locking its synchronous reference out-
put to the transducer’s secondary windings.
Programmable Excitation Frequency
The excitation frequency is easily programmed to 2 kHz, 5 kHz,
10 kHz, or 20 kHz by using the frequency select pins. Interme-
diate frequencies are available by adding an external resistor.
Signal Loss Detection
The AD2S99 has the ability to detect if both the transducer sec-
ondary winding connections become disconnected from its SIN
and COS inputs. The “LOS” output pin pulls high when a sig-
nal loss is detected.
Integration
The AD2S99 integrates the transducer excitation, synchronous
reference, and loss of signal detection functions into a small,
cost effective package.
GENERAL DESCRIPTION
The AD2S99 programmable sinusoidal oscillator provides sine
wave excitation for resolvers and a wide variety of ac transduc-
ers. The AD2S99 also provides a synchronous reference output
signal (3 V p-p square wave) that is phase locked to its SIN and
COS inputs. In an application, the SIN and COS inputs are
connected to the transducer’s secondary windings.
The synchronous reference output compensates for temperature
and cabling dependent phase shifts and eliminates the need for
external preset phase compensation circuits. The synchronous
reference output can be used as a zero crossing reference for
resolver-to-digital converters such as Analog Devices’ AD2S80A,
AD2S82A, AD2S83 and AD2S90.
The AD2S99 is packaged in a 20-pin PLCC and operates over
–40
°C to +85°C.
FEATURES
Programmable Sinusoidal Oscillator
Synthesized Synchronous Reference Output
Programmable Output Frequency Range: 2 kHz–20 kHz
“Loss-of-Signal” Indicator
20-Pin PLCC Package
Low Cost
APPLICATIONS
Excitation Source for:
Resolvers
Synchros
LVDTs
RVDTs
Pressure Transducers
Load Cells
AC Bridges
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
AD2S99


Similar Part No. - AD2S99

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S99 AD-AD2S99 Datasheet
351Kb / 9P
Programmable Oscillator
23-Feb-2017
AD2S99AP AD-AD2S99AP Datasheet
320Kb / 8P
Programmable Oscillator
REV. B
AD2S99AP AD-AD2S99AP Datasheet
351Kb / 9P
Programmable Oscillator
23-Feb-2017
AD2S99APZ AD-AD2S99APZ Datasheet
320Kb / 8P
Programmable Oscillator
REV. B
AD2S99BP AD-AD2S99BP Datasheet
320Kb / 8P
Programmable Oscillator
REV. B
More results

Similar Description - AD2S99

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
EXO3C GOLLEDGE-EXO3C Datasheet
60Kb / 1P
Programmable Oscillator
GXO-194 GOLLEDGE-GXO-194 Datasheet
53Kb / 1P
SM PROGRAMMABLE OSCILLATOR
logo
ECM Electronics Limited...
EXO-3 ECM-EXO-3 Datasheet
123Kb / 2P
Programmable Oscillator
logo
ECS, Inc.
ECS-P33 ECS-ECS-P33 Datasheet
127Kb / 1P
Programmable OSCILLATOR
logo
Analog Devices
AD2S99APZ AD-AD2S99APZ Datasheet
320Kb / 8P
Programmable Oscillator
REV. B
AD2S99BPZ AD-AD2S99BPZ Datasheet
320Kb / 8P
Programmable Oscillator
REV. B
logo
ECS, Inc.
ECS-P73 ECS-ECS-P73_14 Datasheet
132Kb / 2P
SMD PROGRAMMABLE OSCILLATOR
ECS-UPO-8PINX ECS-ECS-UPO-8PINX Datasheet
434Kb / 1P
PROGRAMMABLE CLOCK OSCILLATOR
logo
Analog Devices
AD2S99 AD-AD2S99_15 Datasheet
320Kb / 8P
Programmable Oscillator
REV. B
AD2S99 AD-AD2S99_17 Datasheet
351Kb / 9P
Programmable Oscillator
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com