Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE24C64 Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE24C64
Description  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C64 Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE24C64 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C64 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C64 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C64 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C64 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C64 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24C64 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24C64 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24C64 Datasheet HTML 13Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ACE24C32/64
Two-wire Serial EEPROM
VER 1.7
9
Figure 6.Output Acknowledge
Device Addressing
The 32K, 64K EEPROM devices all require an 8-bit device address word following a start condition to
enable the chip for a read or write operation (refer to Figure 7).
The device address word consists of a mandatory one, zero sequence for the first four most
significant bits as shown. This is common to all the EEPROM devices.
The 32/64K EEPROM use the three device address bits A2, A1, A0 to allow as many as eight devices
on the same bus. These bits must compare to their corresponding hard-wired input pins. The A2,A1 and
A0 pins use an internal proprietary circuit that biases them to a logic low condition if t he pins are
allowed to float.
The Module package device address word also consists of a mandatory one, zero sequence for the
first four most significant bits. The nest 3 bits are all zero.
The eight bit of the device address is the read/write operation select bit. A read operation is initiated if
this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a zero. If a compare is not made, the
device will return to a standby state.
Noise protection:
Special internal circuitry place on the SDA and SCL pins prevent small noise spikes from activating the
device.
Date Security:
The ACE24C32/64 has a hardware data protection scheme that allows the user to write protect the
entire memory when the WP pin is at Vcc.
Write Operations
Byte Write:
A write operation requires two 8-bit data word address following the device address word and
acknowledgment. Upon receipt of this address, the EEPROM will again respond with a zero and then
clock in the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a
zero and the addressing device, such as a microcontroller, must terminate the write sequence with a
stop condition. At this time the EEPROM enters an internally timed write cycle, tWR, to the nonvolatile
memory. All inputs are disabled during this write cycle and the EEPROM will not respond until the write
is complete (refer to Figure 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com