Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE809 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE809
Description  3-Pin Microprocessor Reset Circuits
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE809 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE809_12 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE809_12 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE809_12 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE809_12 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE809_12 Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ACE809
3-Pin Microprocessor Reset Circuits
VER 1.3
2
Operating Rating
(2)
Parameter
Symbol
Value
Unit
Supply Input Voltage
VCC
2.0 to 5.5 V
Junction Temperature
TJ
0 to 125
℃
Note:
1.Exceeding the absolute maximum rating may damage the device.
2.The device is not guaranteed to function outside its operating rating.
3.The maximum allowable power dissipation at any TA (ambient temperature) is calculated using:
PD(MAX) = (TJ(MAX) – TA)/ΘJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and
the regulator will go into thermal shutdown.
See “Thermal Consideration” section for details
4. RESET threshold temperature coefficient is the worst case voltage change divided by the total temperature range.
Packaging Type
SOT-23-3
3
1
2
Ordering information
ACE809
X XX
+
H
SOT-23-3
Description
Function
1
GND
Ground
2
RESET
RESET output remains low while Vcc is below the reset voltage threshold and
for 240msec(typ.) after Vcc rises above reset threshold
3
Vcc
Supply Voltage (typ.)
BM: SOT-23-3
Voltage : L: 4.63V / M: 4.38V / J: 4.00V / T: 3.08V / S: 2.93V / R: 2.63V
Pb - free
Halogen - free



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com