Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE2301 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE2301
Description  P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2301 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE2301 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2301 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2301 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2301 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2301 Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ACE2301
P-Channel Enhancement Mode MOSFET
VER 1.3
2
Packaging Type
SOT-23-3
3
1
2
Ordering information
ACE2301 XX + H
Electrical Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250uA
-20
V
Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID=-2.8A
70.0
100.0
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=-2.5V, ID=-2.0A
85.0
150.0
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=250uA
-0.4
-0.9
V
Zero Gate Voltage Drain Current
IDSS
VDS=-9.6V, VGS=0V
-1
uA
Gate Body Leakage
IGSS
VGS=±8V, VDS=0V
±100
nA
Forward Trans conductance
Gfs
VDS=-5V, ID=-2.8A
6.5
S
Dynamic
3)
Total Gate Charge
Qg
VDS=-6V, ID=-2.8A
VGS=-4.5V
5.8
10
nC
Gate-Source Charge
Qgs
0.85
SOT-23-3
Description
1
Gate
2
Source
3
Drain
BM : SOT-23-3
Pb - free
Halogen - free



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com