Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT4060B Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4060B
Description  18V/2A Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4060B Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4060B Datasheet HTML 1Page - Active-Semi, Inc ACT4060B Datasheet HTML 2Page - Active-Semi, Inc ACT4060B Datasheet HTML 3Page - Active-Semi, Inc ACT4060B Datasheet HTML 4Page - Active-Semi, Inc ACT4060B Datasheet HTML 5Page - Active-Semi, Inc ACT4060B Datasheet HTML 6Page - Active-Semi, Inc ACT4060B Datasheet HTML 7Page - Active-Semi, Inc ACT4060B Datasheet HTML 8Page - Active-Semi, Inc ACT4060B Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
FEATURES
2A Output Current
Wide 4.5V to 18V Operating Input Range
Synchronous Buck Topology
Integrated 130mΩ Power MOSFET Switches
Output Adjustable from 0.923V to 12V
Up to 96% Efficiency
Stable with Low ESR Ceramic Output
Capacitors
Internal Soft Start
1.5mA Low Standby Input Current
High Light Load Efficiency
Cycle-by-Cycle Over Current Limit
Input Under Voltage Lockout
Hiccup Protection at Short Circuit and Over
Current
Low Power Loss at Output Short
Frequency Fold Back Protection
Low Power Dissipation at Over Current and
Short Circuit
APPLICATIONS
LCD-TV
Set-top Box
Distributed Power Systems
Networking Systems
GENERAL DESCRIPTION
ACT4060B is a monolithic synchronous buck
regulator. The device integrates two 130mΩ
MOSFETs, and provides 2A of continuous load
current over a wide input voltage of 4.5V to 18V.
Current mode control provides fast transient
response and cycle-by-cycle current limit. Hiccup at
short circuit reduces IC temperatures.
An internal soft-start prevents inrush current at turn-
on, and in shutdown mode the supply current drops
to 10μA. Pulse-skipping mode at light load reduces
standby power down to 1.5mA.
This device, available in an 8-pin SOP package,
provides a very compact solution with minimal
external components.
ACT4060B
18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
®
Efficiency vs. Load Current
Load Current (mA)
10
100
1000
10000
80
75
70
65
60
55
85
90
95
100
VOUT = 5V
VIN = 7V
VIN = 12V
VIN = 18V


Similar Part No. - ACT4060B

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
logo
Advanced Crystal Techno...
ACT4060 ACT-ACT4060 Datasheet
260Kb / 2P
SAW filter
ACT4060-448-QCC8C ACT-ACT4060-448-QCC8C Datasheet
260Kb / 2P
SAW filter
logo
Active-Semi, Inc
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
259Kb / 11P
Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
257Kb / 12P
Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
More results

Similar Description - ACT4060B

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
ELM Technology Corporat...
ELM614BA ELM-TECH-ELM614BA Datasheet
1Mb / 8P
2A, 18V, 500kHz, synchronous step down DC/DC converter
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
2A 18V 500kHz synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
2A, 18V, Synchronous Step-down DC/DC Converter
EC3292B E-CMOS-EC3292B Datasheet
413Kb / 14P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7222 AITSEMI-A7222 Datasheet
1Mb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 18V, 2A SYNCHRONOUS
REV1.1
A7222B AITSEMI-A7222B Datasheet
687Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz 2A 18V SYNCHRONOUS
REV1.0
logo
Major-Power Technology ...
MA5201 MPOWER-MA5201 Datasheet
277Kb / 2P
18V/2A High Efficiency Synchronous Step-Down DC/DC Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com