Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT8934AQJ133-T Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # ACT8934AQJ133-T
Description  Advanced PMU for Samsung S3C2416/S3C2450
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8934AQJ133-T Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button ACT8934AQJ133-T Datasheet HTML 17Page - Active-Semi, Inc ACT8934AQJ133-T Datasheet HTML 18Page - Active-Semi, Inc ACT8934AQJ133-T Datasheet HTML 19Page - Active-Semi, Inc ACT8934AQJ133-T Datasheet HTML 20Page - Active-Semi, Inc ACT8934AQJ133-T Datasheet HTML 21Page - Active-Semi, Inc ACT8934AQJ133-T Datasheet HTML 22Page - Active-Semi, Inc ACT8934AQJ133-T Datasheet HTML 23Page - Active-Semi, Inc ACT8934AQJ133-T Datasheet HTML 24Page - Active-Semi, Inc ACT8934AQJ133-T Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
ACT8934A
Rev 1, 22-Oct-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 21 -
www.active-semi.com
Push-Button Response (First Power-Up)
(TA = 25°C, unless otherwise specified.)
REG1 Efficiency vs. Output Current
Output Current (mA)
1
10
100
1000
REG2 Efficiency vs. Output Current
100
80
60
40
20
0
Output Current (mA)
1
10
100
1000
100
80
60
40
20
0
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
CH1
CH2
CH3
nPBIN Resistor = 50kΩ
VOUT = 3.3V
VOUT = 1.8V
CH1: VnPBIN, 2V/div
CH2: VnPBSTAT, 2V/div
CH3: VnRSTO, 2V/div
TIME: 50ms/div
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Warm Reset
(Reset button pressed less than 130ms)
CH1
CH2
CH3
CH1: VnPBIN, 2V/div
CH2: OUT5, 1V/div
CH3:VnRSTO , 5V/div
TIME: 100ms/div
nPBIN Resistor = 0Ω
Cold Reset
(Reset button pressed longer than 130ms, less than 260ms)
CH1
CH2
CH3
CH1: VnPBIN, 2V/div
CH2: OUT5, 1V/div
CH3:VnRSTO , 5V/div
TIME: 100ms/div
nPBIN Resistor = 0Ω
Cold Reset
(Reset button pressed longer than 260ms)
CH1
CH2
CH3
CH1: VnPBIN, 2V/div
CH2: OUT5, 1V/div
CH3:VnRSTO , 5V/div
TIME: 100ms/div
nPBIN Resistor = 0Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com