Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWT6628ARM45P9 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWT6628ARM45P9
Description  HELP4 UMTS900 (Band 8) WCDMA Linear PAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6628ARM45P9 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWT6628ARM45P9 Datasheet HTML 1Page - ANADIGICS, Inc AWT6628ARM45P9 Datasheet HTML 2Page - ANADIGICS, Inc AWT6628ARM45P9 Datasheet HTML 3Page - ANADIGICS, Inc AWT6628ARM45P9 Datasheet HTML 4Page - ANADIGICS, Inc AWT6628ARM45P9 Datasheet HTML 5Page - ANADIGICS, Inc AWT6628ARM45P9 Datasheet HTML 6Page - ANADIGICS, Inc AWT6628ARM45P9 Datasheet HTML 7Page - ANADIGICS, Inc AWT6628ARM45P9 Datasheet HTML 8Page - ANADIGICS, Inc AWT6628ARM45P9 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Data Sheet - Rev 2.5
10/2012
AWT6628A
Table4:ElectricalSpecifications-WCDMAOperation(R99Modulation)
(TC = +25 °C, VCC = +3.4 V, VBATT = +3.4 V, VEN = +1.8 V, 50 Ω system)
Notes:
(1) ACLR and Efficiency measured at 897.5 MHz.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VMODE1 VMODE2
Gain
25
14
9
27.5
18
12.5
30
21
16
dB
POUT = +28.9 dBm
POUT = +17 dBm
POUT = +7 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
ACLR1 at 5 MHz offset (1)
-
-
-
-41
-40
-40
-36
-36
-36
dBc
POUT = +28.9 dBm
POUT = +17 dBm
POUT = +7 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
ACLR2 at 10 MHz offset
-
-
-
-55
-57
-59
-48
-48
-48
dBc
POUT = +28.9 dBm
POUT = +17 dBm
POUT = +7 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
Power-Added Efficiency (1)
35.5
22
-
13
-
40
26
17
17
10
-
-
-
-
-
%
POUT = +28.9 dBm
POUT = +17 dBm
POUT = +13.5 dBm
POUT = +7 dBm
POUT = +3.5 dBm
0 V
1.8 V
1.8 V
1.8 V
1.8 V
0 V
0 V
0 V
1.8 V
1.8 V
Quiescent Current (Icq)
Low Bias Mode
-2.8
4.3mAthrough VCC pin1.8 V1.8 V
Mode Control Current
-<0.10.15mAthrough VMODE pins, VMODE1,2 = +1.8 V
Enable Current
-0.040.1
mA
through VEN pin, VEN = +1.8 V
BATT Current
-0.7
1.4mAthrough VBATT pin, VMODE1,2 = +1.8 V
Leakage Current
-<510
µ
A
VBATT = +4.35 V, VCC = +4.35 V,
VEN = 0 V, VMODE1,2 = 0 V
Noise in Receive Band
--133-
dBm/Hz 925 MHz to 960 MHz
Harmonics
2fo
3fo, 4 fo
-
-
-50
-58
-35
-45
dBcPOUT ≤ +28.9 dBm
Input Impedance
--
2:1VSWR
Coupling Factor
-20-
dB
Directivity
-20-
dB
Coupler IN_OUT
Daisy Chain Insertion Loss
-<0.25
-dB
698 MHz to 2620 MHz
Pin 6-8, Shutdown Mode
Spurious Output Level
(all spurious outputs)
--
<-70
dBc
POUT ≤ +28.9 dBm
In-band land VSWR < 5:1
Out-of-band load VSWR < 10 : 1
Applies over all operating ranges
Load mismatch stress with no
permanent degradation or failure
8:1-
-VSWRApplies over full operating range



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com