Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD571 Datasheet(PDF) 4 Page - Analog Devices

Part # AD571
Description  10-Bit A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD571 Datasheet(HTML) 4 Page - Analog Devices

  AD571 Datasheet HTML 1Page - Analog Devices AD571 Datasheet HTML 2Page - Analog Devices AD571 Datasheet HTML 3Page - Analog Devices AD571 Datasheet HTML 4Page - Analog Devices AD571 Datasheet HTML 5Page - Analog Devices AD571 Datasheet HTML 6Page - Analog Devices AD571 Datasheet HTML 7Page - Analog Devices AD571 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD571
REV. A
–4–
BIT 9
BIT 8
BIT 10 (LSB)
DATA READY
BIT 5
BIT 4
BIT 3
ANALOG IN
V–
BIT 7
BIT 6
DIGITAL COM
BIT 2
BLK AND CONV
(MSB) BIT 1
V+
ANALOG COM
BIPOLAR OFF
1
2
18
17
5
6
7
14
13
12
3
4
16
15
8
11
9
10
TOP VIEW
(Not to Scale)
AD571
Figure 3. AD571 Pin Connections
FULL-SCALE CALIBRATION
The 5 k
Ω thin-film input resistor is laser trimmed to produce a
current which matches the full-scale current of the internal
DAC—plus about 0.3%—when a full-scale analog input voltage
of 9.990 volts (10 volts—1 LSB) is applied at the input. The in-
put resistor is trimmed in this way so that if a fine trimming po-
tentiometer is inserted in series with the input signal, the input
current at the full-scale input voltage can be trimmed down to
match the DAC full-scale current as precisely as desired. How-
ever, for many applications the nominal 9.99 volt full scale can
be achieved to sufficient accuracy by simply inserting a 15
Ω re-
sistor in series with the analog input to Pin 13. Typical full-scale
calibration error will then be about
±2 LSB or ±0.2%. If a more
precise calibration is desired, a 50
Ω trimmer should be used in-
stead. Set the analog input at 9.990 volts, and set the trimmer
so that the output code is just at the transition between
1111111110 and 1111111111. Each LSB will then have a weight
of 9.766 mV. If a nominal full scale of 10.24 volts is desired
(which makes the LSB have a value of exactly 10.00 mV), a
100
Ω resistor in series with a 100 Ω trimmer (or a 200 Ω trim-
mer with good resolution) should be used. Of course, larger
full-scale ranges can be arranged by using a larger input resistor,
but linearity and full-scale temperature coefficient may be com-
promised if the external resistor becomes a sizable percentage
of 5 k
Ω.
BIT 9
BIT 8
BIT 10 (LSB)
DATA READY
BIT 5
BIT 4
BIT 3
ANALOG IN
–15V
BIT 7
BIT 6
DIGITAL COM
BIT 2
BLK AND
CONV
(MSB) BIT 1
ANALOG COM
BIPOLAR CONTROL
1
2
18
17
5
6
7
14
13
12
3
4
16
15
8
11
9
10
TOP VIEW
(Not to Scale)
AD571
+5V
(TOLERATES 200mV TO
DIGITAL COM)
RIN
15
Ω FIXED OR
50
Ω VARIABLE
(SEE TEXT)
(SHORT TO COM FOR
UNIPOLAR, OPEN FOR BIPOLAR)
Figure 4. Standard AD571 Connections
BIPOLAR OPERATION
The standard unipolar 0 V to +10 V range is obtained by short-
ing the bipolar offset control pin to digital common. If the pin is
left open, the bipolar offset current will be switched into the
comparator summing node, giving a –5 V to +5 V range with an
offset binary output code. (–5.00 volts in will give a 10-bit code
of 0000000000; an input of 0.00 volts results in an output code of
1000000000 and 4.99 volts at the input yields the 1111111111).
The bipolar offset control input is not directly TTL compatible,
but a TTL interface for logic control can be constructed as
shown in Figure 5.
AD571
B & C
DR
DATA
DCOM
ACOM
AIN
BIPOLAR
OFFSET
CONTROL
TTL
GATE
10 BITS
5V COM
+5V
15V COM
30k
Ω
3x IN4148
USE ACTIVE
PULL-UP GATE
–15V
Figure 5. Bipolar Offset Controlled by Logic Gate
Gate Output = 1: Unipolar 0 V–10 V Input Range
Gate Output = 0: Bipolar
±5 V Input Range
COMMON-MODE RANGE
The AD571 provides separate analog and digital common con-
nections. The circuit will operate properly with as much as
±200 mV of common-mode range between the two commons.
This permits more flexible control of system common bussing
and digital and analog returns.
In normal operation the analog common terminal may generate
transient currents of up to 2 mA during a conversion. In addi-
tion, a static current of about 2 mA will flow into analog com-
mon in the unipolar mode after a conversion is complete. An
additional 1 mA will flow in during a blank interval with zero
analog input. The analog common current will be modulated by
the variations in input signal.
The absolute maximum voltage rating between the two com-
mons is
±1 volt. We recommend that a parallel pair of back-to-
back protection diodes can be connected between the commons
if they are not connected locally.
TEMPERATURE –
°C
11
3
–50
125
–25
0
25
50
70
100
10
7
6
5
4
9
8
2
1.5
1
I +15V,C
I –15V,B
I –15V,C
I +15V,B
I +5V,C
I +5V,B
C = CONVERT MODE
B = BLANK MODE
Figure 6. AD571 Power Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com