Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HST12 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HST12
Description  TRIAC 600V,12A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HST12 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HST12 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HST12 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HST12 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HST12 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE200904
Issued Date : 2009.08.17
Revised Date :
Page No. : 1/4
HST12
HSMC Product Specification
HST12
TRIAC 600V,12A
Description
Passivated, sensitive gate triacs in a plastic envelope, intended for use in general
purpose bidirectional switching and phase control applications, where high
sensitivity is required in all four quadrants.
TO-220AB
Pin Configuration
Pin
Description
1
Main terminal 1
2
Main terminal 2
3
Gate
tab
Main terminal 2
12
3
tab
Symbol
T2
T1
G
Limtiing Values
Symbol
Parameter
Min.
Max.
Units
VDRM
Repetitive peak off-state voltages
-
600
V
IT(RMS)
RMS on-state current
-
12
A
ITSM
Non-repetitive peak on-state current(F=50Hz,tp=20ms)
-
120
A
I
2t
I
2t for fusing (IT=10ms)
-
78
A
2S
dIT/dt
Repetitive rate of rise of on-state current after triggering
(F=50Hz,IG=50mA,dIg/dt=0.1us)
-
50
A/us
IGM
Peak gate current(tp=20us,Tj=125
°C)
-
4
A
PG(AV)
Average gate power (Tj=125
°C)
-
1
W
Tstg
Storage Temperature Range
-40
150
°C
Tj
Operating junction temperature
-40
125
°C


Similar Part No. - HST12

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
HST1.1-12-5-2Y PANDUIT-HST1.1-12-5-2Y Datasheet
76Kb / 1P
Thick Wall Polyolefin Heat Shrink
HST1.1-12-5Y PANDUIT-HST1.1-12-5Y Datasheet
76Kb / 1P
Thick Wall Polyolefin Heat Shrink
HST1.1-48-5-2Y PANDUIT-HST1.1-48-5-2Y Datasheet
76Kb / 1P
Thick Wall Polyolefin Heat Shrink
HST1.1-48-5Y PANDUIT-HST1.1-48-5Y Datasheet
76Kb / 1P
Thick Wall Polyolefin Heat Shrink
HST1.1-6-3Y PANDUIT-HST1.1-6-3Y Datasheet
76Kb / 1P
Thick Wall Polyolefin Heat Shrink
More results

Similar Description - HST12

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTX12-600 SEMIHOW-HTX12-600 Datasheet
282Kb / 6P
600V 12A TRIAC
logo
Renesas Technology Corp
BCR12FM-12LB RENESAS-BCR12FM-12LB Datasheet
176Kb / 8P
600v - 12A - Triac Medium Power Use
BCR12LM-12LD RENESAS-BCR12LM-12LD Datasheet
105Kb / 8P
600V - 12A - Triac Medium Power Use
BCR12PM-12LD RENESAS-BCR12PM-12LD Datasheet
106Kb / 8P
600V - 12A - Triac Medium Power Use
BCR12PM-12LC RENESAS-BCR12PM-12LC_15 Datasheet
198Kb / 8P
600V ??12A - Triac Medium Power Use
BCR12FM-12LB RENESAS-BCR12FM-12LB_15 Datasheet
176Kb / 8P
600v - 12A - Triac Medium Power Use
BCR12LM-12LD RENESAS-BCR12LM-12LD_15 Datasheet
105Kb / 8P
600V - 12A - Triac Medium Power Use
BCR12CM-12LB RENESAS-BCR12CM-12LB_15 Datasheet
151Kb / 9P
600V - 12A - Triac Medium Power Use
BCR12FM-12LC RENESAS-BCR12FM-12LC Datasheet
508Kb / 9P
600V - 12A - Triac Medium Power Use
Feb. 19, 2019
BCR16CM-12LC RENESAS-BCR16CM-12LC Datasheet
488Kb / 9P
600V - 12A - Triac Medium Power Use
Feb. 1, 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com