Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

31-5607 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 31-5607
Description  TNC PCB Receptacles
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-5607 Datasheet(HTML) 1 Page - Amphenol Corporation

  31-5607 Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TNC
Amphenol
®
PCB Receptacles
145
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Description
Dimensions, inches (millimeters)
Notes
Amphenol
Fig.
a
b
d
Plt.
Ins.
Number
TNC Right Angle Printed Circuit Board Receptacle
.657 (16.7)
.642 (16.3)
1.366 (34.7)
P36/P27
D1
31-5607
1
TNC Right Angle Printed Circuit Board Receptacle
.756 (19.2)
.580 (14.7)
1.500 (38.1)
P6
D1/31
31-5660
2
TNC Vertical Printed Circuit Board Receptacle
.880(22.4)
.438 (11.1)
____
P15
D1
31-71063
3
TNC PRINTED CIRCUIT BOARD RECEPTACLES
Fig. 3
TNC Vertical PCB Receptacle
31-71063
Fig. 1
Fig. 2
TNC Right Angle PCB Receptacle
31-5607
TNC Right Angle PCB Receptacle
31-5660
d
a
.625
b
.038 dia.
contact
.050 dia.
legs
.368
.380
a
b
.720
.055 dia.
.055
.043
.260
.188
.130
.070
.055
(2 places)
.094
.075
(2 places)
.471
.505
L
L distributor stocked
.354
.276
.177 .177
.072
(4 places)
.050
.395
.442
b
a
d
.559
legs
.059 dia.
contact .039
.472


Similar Part No. - 31-5607

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
31-5610-050-210-871 AVX-31-5610-050-210-871 Datasheet
213Kb / 4P
Compact Flash Memory Card Connectors
logo
Amphenol Corporation
31-5633 AMPHENOL-31-5633 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
31-5633 AMPHENOL-31-5633 Datasheet
305Kb / 2P
BNC 50 ohm PCB Receptacles
31-5633-1010 AMPHENOL-31-5633-1010 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
31-5633-1010 AMPHENOL-31-5633-1010 Datasheet
305Kb / 2P
BNC 50 ohm PCB Receptacles
More results

Similar Description - 31-5607

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
84589-0003 MOLEX-84589-0003 Datasheet
703Kb / 2P
Nano-C PCB Mount Receptacles
logo
Glenair, Inc.
802-013-03Z15-3PA GLENAIR-802-013-03Z15-3PA Datasheet
212Kb / 4P
Hermetic Receptacles for PCB or Solder Cup
802-012-02Z15-3PA GLENAIR-802-012-02Z15-3PA Datasheet
471Kb / 4P
Receptacles for PCB or Solder Cup
803-005-02C5-3PN GLENAIR-803-005-02C5-3PN Datasheet
154Kb / 2P
Receptacles With PCB or Solder Cup Contacts
805-005-02Z18-1PA GLENAIR-805-005-02Z18-1PA Datasheet
381Kb / 2P
Receptacles With PCB or Solder Cup Contacts
logo
Winchester Electronics ...
SDKA-79-165-M06 WINCHESTER-SDKA-79-165-M06 Datasheet
72Kb / 1P
RECEPTACLE, PCB, TNC
logo
Amphenol Corporation
031-5329-72RFX AMPHENOL-031-5329-72RFX Datasheet
37Kb / 1P
BNC 75 ohm PCB Receptacles
031-5431-10RFX AMPHENOL-031-5431-10RFX Datasheet
305Kb / 2P
BNC 50 ohm PCB Receptacles
031-6294 AMPHENOL-031-6294 Datasheet
51Kb / 1P
TNC R/A PCB BULKHEAD
31-4791 AMPHENOL-31-4791 Datasheet
212Kb / 1P
TNC Receptacles
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com