Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1507 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16LF1507
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1507 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16LF1507 Datasheet HTML 17Page - Microchip Technology PIC16LF1507 Datasheet HTML 18Page - Microchip Technology PIC16LF1507 Datasheet HTML 19Page - Microchip Technology PIC16LF1507 Datasheet HTML 20Page - Microchip Technology PIC16LF1507 Datasheet HTML 21Page - Microchip Technology PIC16LF1507 Datasheet HTML 22Page - Microchip Technology PIC16LF1507 Datasheet HTML 23Page - Microchip Technology PIC16LF1507 Datasheet HTML 24Page - Microchip Technology PIC16LF1507 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 266 page
background image
TABLE 3-3:
PIC16(L)F1507 MEMORY MAP (CONTINUED)
BANK 8
BANK 9
BANK 10
BANK 11
BANK 12
BANK 13
BANK 14
BANK 15
400h
40Bh
Core Registers
(Table 3-2)
480h
48Bh
Core Registers
(Table 3-2)
500h
50Bh
Core Registers
(Table 3-2)
580h
58Bh
Core Registers
(Table 3-2)
600h
60Bh
Core Registers
(Table 3-2)
680h
68Bh
Core Registers
(Table 3-2)
700h
70Bh
Core Registers
(Table 3-2)
780h
78Bh
Core Registers
(Table 3-2)
40Ch
—
48Ch
—
50Ch
—
58Ch
—
60Ch
—
68Ch
—
70Ch
—
78Ch
—
40Dh
—
48Dh
—
50Dh
—
58Dh
—
60Dh
—
68Dh
—
70Dh
—
78Dh
—
40Eh
—48Eh
—50Eh
—58Eh
—60Eh
—68Eh
—70Eh
—78Eh
—
40Fh
—48Fh
—50Fh
—58Fh
—60Fh
—68Fh
—70Fh
—78Fh
—
410h
—490h
—510h
—590h
—610h
—690h
—
710h
—
790h
—
411h
—491h
—511h
—591h
—
611h
PWM1DCL
691h
CWG1DBR
711h
—
791h
—
412h
—492h
—512h
—592h
—
612h
PWM1DCH
692h
CWG1DBF
712h
—
792h
—
413h
—493h
—513h
—593h
—
613h
PWM1CON
693h
CWG1CON0
713h
—
793h
—
414h
—494h
—514h
—594h
—
614h
PWM2DCL
694h
CWG1CON1
714h
—
794h
—
415h
—495h
—515h
—595h
—
615h
PWM2DCH
695h
CWG1CON2
715h
—
795h
—
416h
—496h
—516h
—596h
—
616h
PWM2CON
696h
—
716h
—
796h
—
417h
—497h
—517h
—597h
—
617h
PWM3DCL
697h
—
717h
—
797h
—
418h
—
498h
NCO1ACCL
518h
—598h
—
618h
PWM3DCH
698h
—
718h
—
798h
—
419h
—
499h
NCO1ACCH
519h
—599h
—
619h
PWM3CON
699h
—
719h
—
799h
—
41Ah
—
49Ah
NCO1ACCU
51Ah
—59Ah
—
61Ah
PWM4DCL
69Ah
—71Ah
—79Ah
—
41Bh
—
49Bh
NCO1INCL
51Bh
—59Bh
—
61Bh
PWM4DCH
69Bh
—71Bh
—79Bh
—
41Ch
—
49Ch
NCO1INCH
51Ch
—
59Ch
—
61Ch
PWM4CON
69Ch
—
71Ch
—
79Ch
—
41Dh
—
49Dh
—
51Dh
—
59Dh
—
61Dh
—
69Dh
—
71Dh
—
79Dh
—
41Eh
—
49Eh
NCO1CON
51Eh
—59Eh
—61Eh
—69Eh
—71Eh
—79Eh
—
41Fh
—
49Fh
NCO1CLK
51Fh
—59Fh
—61Fh
—69Fh
—71Fh
—79Fh
—
420h
Unimplemented
Read as ‘0’
4A0h
Unimplemented
Read as ‘0’
520h
Unimplemented
Read as ‘0’
5A0h
Unimplemented
Read as ‘0’
620h
Unimplemented
Read as ‘0’
6A0h
Unimplemented
Read as ‘0’
720h
Unimplemented
Read as ‘0’
7A0h
Unimplemented
Read as ‘0’
46Fh
4EFh
56Fh
5EFh
64Fh
6EFh
76Fh
7EFh
470h
Common RAM
(Accesses
70h – 7Fh)
4F0h
Common RAM
(Accesses
70h – 7Fh)
570h
Common RAM
(Accesses
70h – 7Fh)
5F0h
Common RAM
(Accesses
70h – 7Fh)
650h
Common RAM
(Accesses
70h – 7Fh)
6F0h
Common RAM
(Accesses
70h – 7Fh)
770h
Common RAM
(Accesses
70h – 7Fh)
7F0h
Common RAM
(Accesses
70h – 7Fh)
47Fh
4FFh
57Fh
5FFh
67Fh
6FFh
77Fh
7FFh
BANK 16
BANK 17
BANK 18
BANK 19
BANK 20
BANK 21
BANK 22
BANK 23
800h
80Bh
Core Registers
(Table 3-2)
880h
88Bh
Core Registers
(Table 3-2)
900h
90Bh
Core Registers
(Table 3-2)
980h
98Bh
Core Registers
(Table 3-2)
A00h
A0Bh
Core Registers
(Table 3-2)
A80h
A8Bh
Core Registers
(Table 3-2)
B00h
B0Bh
Core Registers
(Table 3-2)
B80h
B8Bh
Core Registers
(Table 3-2)
80Ch
Unimplemented
Read as ‘0’
88Ch
Unimplemented
Read as ‘0’
90Ch
Unimplemented
Read as ‘0’
98Ch
Unimplemented
Read as ‘0’
A0Ch
Unimplemented
Read as ‘0’
A8Ch
Unimplemented
Read as ‘0’
B0Ch
Unimplemented
Read as ‘0’
B8Ch
Unimplemented
Read as ‘0’
86Fh
8EFh
96Fh
9EFh
A6Fh
AEFh
B6Fh
BEFh
870h
Common RAM
(Accesses
70h – 7Fh)
8F0h
Common RAM
(Accesses
70h – 7Fh)
970h
Common RAM
(Accesses
70h – 7Fh)
9F0h
Common RAM
(Accesses
70h – 7Fh)
A70h
Common RAM
(Accesses
70h – 7Fh)
AF0h
Common RAM
(Accesses
70h – 7Fh)
B70h
Common RAM
(Accesses
70h – 7Fh)
BF0h
Common RAM
(Accesses
70h – 7Fh)
87Fh
8FFh
97Fh
9FFh
A7Fh
AFFh
B7Fh
BFFh
Legend:
= Unimplemented data memory locations, read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com