Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PICDEMPIC18 Datasheet(PDF) 24 Page - Microchip Technology

Part # PICDEMPIC18
Description  PICDEMPIC18 EXPLORER DEMONSTRATION BOARD USER?셎 GUIDE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEMPIC18 Datasheet(HTML) 24 Page - Microchip Technology

Back Button PICDEMPIC18 Datasheet HTML 20Page - Microchip Technology PICDEMPIC18 Datasheet HTML 21Page - Microchip Technology PICDEMPIC18 Datasheet HTML 22Page - Microchip Technology PICDEMPIC18 Datasheet HTML 23Page - Microchip Technology PICDEMPIC18 Datasheet HTML 24Page - Microchip Technology PICDEMPIC18 Datasheet HTML 25Page - Microchip Technology PICDEMPIC18 Datasheet HTML 26Page - Microchip Technology PICDEMPIC18 Datasheet HTML 27Page - Microchip Technology PICDEMPIC18 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
PICDEM™ PIC18 Explorer Demonstration Board User’s Guide
DS51721B-page 20
© 2008 Microchip Technology Inc.
2.5.2
PC Connection Via USB Port
If the board PC communication is via the USB port, the data will be routed through the
PIC18LF2450 mounted on the board, to convert the RS-232 communication to the USB
protocol.
To connect the PICDEM PIC18 Explorer Demonstration Board to a host PC via the
USB port:
1.
Set jumper J13, as shown in the second illustration in Figure 2-10.
2.
Install the required file on the host PC. (See the following procedure.)
If the USB port is used, an *.inf file must be installed on the host PC. To do this:
1.
Create a folder named, HPCINF, anywhere on the host PC’s hard drive.
2.
Using the development kit’s CD, copy the file, mchpcdc.inf, into that folder.
3.
Connect the board to the PC and power up the board. The pop-up window,
shown in Figure 2-11, appears.
FIGURE 2-11:
INSTALLING USB *.inf FILE ON PC – SCREEN 1
4.
Select the Install from a list or specific location option and click Next. The
screen shown in Figure 2-12 appears.
Note:
This procedure displays the dialog boxes that appear for the Windows® XP
operating system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com