Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD6402 Datasheet(PDF) 8 Page - Analog Devices

Part # AD6402
Description  IF Transceiver Subsystem
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6402 Datasheet(HTML) 8 Page - Analog Devices

  AD6402 Datasheet HTML 1Page - Analog Devices AD6402 Datasheet HTML 2Page - Analog Devices AD6402 Datasheet HTML 3Page - Analog Devices AD6402 Datasheet HTML 4Page - Analog Devices AD6402 Datasheet HTML 5Page - Analog Devices AD6402 Datasheet HTML 6Page - Analog Devices AD6402 Datasheet HTML 7Page - Analog Devices AD6402 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD6402
–8–
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead Small Shrink Outline Package
(RS-28)
28
15
14
1
0.407 (10.34)
0.397 (10.08)
PIN 1
SEATING
PLANE
0.008 (0.203)
0.002 (0.050)
0.07 (1.79)
0.066 (1.67)
0.0256
(0.65)
BSC
0.078 (1.98)
0.068 (1.73)
0.015 (0.38)
0.010 (0.25)
0.009 (0.229)
0.005 (0.127)
0.03 (0.762)
0.022 (0.558)
8
°
0
°
EVALUATION BOARD
An evaluation board is available for the AD6402. This board
facilitates test and measurement of the subsystem. Parameters
such as sensitivity, ACI, CCI, demodulator gain, demodulator
offset, etc., can be quickly evaluated using this board. Contact
20
18
16
14
12
10
8
6
4
2
19
17
15
13
11
9
7
5
3
1
PLLOUT
DOUT
SLREF
PLLVCC
GND
IFVCC2
RSSI
GND
IFVCC1
REFSEL
NC
MODIN
MODOUT
CTL1
CTL2
CTL3
VBATX
VBAT
GND
VREG
NC = NO CONNECT
J1
Figure 6. Evaluation Board Header
AD6402
20
1
J1
SYNTH IN
TXOUTB
TXOUT
IFIN
REFIN
NOTE:
SYNTH IN, TXOUTB, TXOUT, IFIN AND REFIN
CONNECTED VIA SMA CONNECTORS
Figure 7. Evaluation Board Connectors
your local ADI sales office or ADI representative for further
details on pricing and availability of the evaluation boards.
Header connections details are shown in Figure 6 and available
signals are shown in Figure 7. A schematic for the evaluation
board is shown in Figure 8.
8k
Ω
0.1 F
TP2
330
Ω
1000pF
TP
100nF
1nF
MODOUT
MODIN
REFIN
100pF
PLLOUT
91pF
2.2k
Ω
1.3k
Ω
0.01 F
0.01 F
2.2nF
RSSI
TO REFSEL
PIN 2
DC
CONNECTOR
100
Ω
IF INPUT
IFIN
DOUT
47pF
100pF
56pF
TP10
TXOUTB
14
13
12
11
10
9
8
7
6
5
4
3
2
1
15
16
17
18
19
20
21
22
23
24
25
26
27
28
AD6402
TP
3pF
33nH
33pF
TP11
TP9
56pF
TXOUT
TP7
TP8
0.01
F
TP5
TP6
Figure 8. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com