Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD73322LAST Datasheet(PDF) 19 Page - Analog Devices

Part # AD73322LAST
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322LAST Datasheet(HTML) 19 Page - Analog Devices

Back Button AD73322LAST Datasheet HTML 15Page - Analog Devices AD73322LAST Datasheet HTML 16Page - Analog Devices AD73322LAST Datasheet HTML 17Page - Analog Devices AD73322LAST Datasheet HTML 18Page - Analog Devices AD73322LAST Datasheet HTML 19Page - Analog Devices AD73322LAST Datasheet HTML 20Page - Analog Devices AD73322LAST Datasheet HTML 21Page - Analog Devices AD73322LAST Datasheet HTML 22Page - Analog Devices AD73322LAST Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
REV. 0
AD73322L
–19–
Table XVI. Control Register D Description
CONTROL REGISTER D
76
543
210
MUTE
OGS2
OGS1
OGS0
RMOD
IGS2
IGS1
IGS0
Bit
Name
Description
0
IGS0
Input Gain Select (Bit 0)
1
IGS1
Input Gain Select (Bit 1)
2
IGS2
Input Gain Select (Bit 2)
3
RMOD
Reset ADC Modulator (0 = Off; 1 = Reset Enabled)
4
OGS0
Output Gain Select (Bit 0)
5
OGS1
Output Gain Select (Bit 1)
6
OGS2
Output Gain Select (Bit 2)
7
MUTE
Output Mute (0 = Mute Off; 1 = Mute Enabled)
Table XVII. Control Register E Description
CONTROL REGISTER E
76
543
21
0
—
DGTE
IBYP
DA4
DA3
DA2
DA1
DA0
Bit
Name
Description
0
DA0
DAC Advance Setting (Bit 0)
1
DA1
DAC Advance Setting (Bit 1)
2
DA2
DAC Advance Setting (Bit 2)
3
DA3
DAC Advance Setting (Bit 3)
4
DA4
DAC Advance Setting (Bit 4)
5
IBYP
Interpolator Bypass (0 = Bypass Disabled; 1 = Bypass Enabled)
6
DGTE
Digital Gain Tap Enable (0 = Disabled; 1 = Enabled)
7
—
Reserved (Program to 0)
Table XVIII. Control Register F Description
CONTROL REGISTER F
76
543
21
0
ALB/
AGTM
INV
SEEN/
AGTE
AGTC4
AGTC3
AGTC2
AGTC1
AGTC0
Bit
Name
Description
0
AGTC0
Analog Gain Tap Coefficient (Bit 0)
1
AGTC1
Analog Gain Tap Coefficient (Bit 1)
2
AGTC2
Analog Gain Tap Coefficient (Bit 2)
3
AGTC3
Analog Gain Tap Coefficient (Bit 3)
4
AGTC4
Analog Gain Tap Coefficient (Bit 4)
5
SEEN/
Single-Ended Enable (0 = Disabled; 1 = Enabled)
AGTE
Analog Gain Tap Enable (0 = Disabled; 1 = Enabled)
6
INV
Input Invert (0 = Disabled; 1 = Enabled)
7
ALB/
Analog Loopback of Output to Input (0 = Disabled; 1 = Enabled)
AGTM
Analog Gain Tap Mute (0 = Off; 1 = Muted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com