Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD73422EB Datasheet(PDF) 13 Page - Analog Devices

Part # EVAL-AD73422EB
Description  Dual Low Power CMOS Analog Front End with DSP Microcomputer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD73422EB Datasheet(HTML) 13 Page - Analog Devices

Back Button EVAL-AD73422EB Datasheet HTML 9Page - Analog Devices EVAL-AD73422EB Datasheet HTML 10Page - Analog Devices EVAL-AD73422EB Datasheet HTML 11Page - Analog Devices EVAL-AD73422EB Datasheet HTML 12Page - Analog Devices EVAL-AD73422EB Datasheet HTML 13Page - Analog Devices EVAL-AD73422EB Datasheet HTML 14Page - Analog Devices EVAL-AD73422EB Datasheet HTML 15Page - Analog Devices EVAL-AD73422EB Datasheet HTML 16Page - Analog Devices EVAL-AD73422EB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
REV. 0
AD73422
–13–
Differential Output Amplifiers
The decoder has a differential analog output pair (VOUTP and
VOUTN). The output channel can be muted by setting the
MUTE bit (CRD:7) in Control Register D. The output signal is
dc-biased to the codec’s on-chip voltage reference.
Voltage Reference
The AD73422 reference, REFCAP, is a bandgap reference that
provides a low noise, temperature-compensated reference to the
DAC and ADC. A buffered version of the reference is also made
available on the REFOUT pin and can be used to bias other
external analog circuitry. The reference has a nominal value of
1.2 V.
The reference output (REFOUT) can be enabled for biasing
external circuitry by setting the RU bit (CRC:6) of CRC.
INVERTING
OP AMPS
ANALOG
LOOP-BACK
SELECT
INVERT
CONTINUOUS
TIME
LOW-PASS
FILTER
VREF
VFBN1
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFCAP
REFOUT
AD73422
AFE SECTION
VREF
ANALOG
GAIN TAP
GAIN
1
+6/–15dB
PGA
REFERENCE
SINGLE-ENDED
ENABLE
0/38dB
PGA
Figure 7. Analog Input/Output Section
Analog and Digital Gain Taps
The AD73422 features analog and digital feedback paths be-
tween input and output. The amount of feedback is determined
by the gain setting that is programmed in the control registers.
This feature can typically be used for balancing the effective
impedance between input and output when used in Subscriber
Line Interface Circuit (SLIC) interfacing.
Analog Gain Tap
The analog gain tap is configured as a programmable differential
amplifier whose input is taken from the ADC’s input signal
path. The output of the analog gain tap is summed with the
output of the DAC. The gain is programmable using Control
Register F (CRF:0-4) to achieve a gain of –1 to +1 in 32 steps,
with muting being achieved through a separate control setting
(Control Register F Bit _). The gain increment per step is 0.0625.
The AGT is enabled by powering up the AGT control bit in the
power control register (CRC:1). When this bit is set (=1) CRF
becomes an AGT control register with CRF:0-4 holding the
AGT coefficient, CRF:5 becomes an AGT enable and CRF:7
becomes an AGT mute control bit. Control bit CRF:5 connects/
disconnects the AGT output to the summer block at the output
of the DAC section while control bit CRF:7 overrides the gain
tap setting with a mute, or zero gain, setting (which is omitted
from the gain settings). Table III shows the gain versus digital
setting for the AGT.
Table III. Analog Gain Tap Settings*
AGTC4
AGTC3
AGTC2
AGTC1 AGTC0
Gain
0
0
0
0
0
+1.00
0
0
0
0
1
+0.9375
0
0
0
1
0
+0.875
0
0
0
1
1
+0.8125
0
0
1
0
0
+0.075
——
—
—
—
—
0
1
1
1
1
+0.0625
1
0
0
0
0
–0.0625
——
—
—
—
—
1
1
1
0
1
–0.875
1
1
1
1
0
–0.9375
1
1
1
1
1
–1.00
*AGE and DGT weights are given for the case of VFBNx (connected to the
sigma-delta modulator’s positive input) being at a higher potential than VFBPx
(connected to the sigma-delta modulator’s negative input).
Digital Gain Tap
The digital gain tap features a programmable gain block whose
input is taken from the bitstream from the ADC’s sigma-delta
modulator. This single bit input (1 or 0) is used to add or sub-
tract a programmable value, which is the digital gain tap setting,
to the output of the DAC section’s interpolator. The program-
mable setting has 16-bit resolution and is programmed using the
settings in Control Registers G and H.
Table IV. Digital Gain Tap Settings*
DGT15-0 (Hex)
Gain
0x8000
–1.00
0x9000
–0.875
0xA000
–0.75
0xC000
–0.5
0xE000
–0.25
0x0000
–0.00
0x2000
+0.25
0x4000
+0.5
0x6000
+0.75
0x7FFF
+0.99999
*AGE and DGT weights are given for the case of VFBNx (connected to the
sigma-delta modulator’s positive input) being at a higher potential than VFBPx
(connected to the sigma-delta modulator’s negative input).
AFE Serial Port (SPORT2)
The AFE section communicates with the DSP section via its
bidirectional synchronous serial port (SPORT2), which interfaces
to either SPORT0 or SPORT1 of the DSP section. SPORT2 is
used to transmit and receive digital data and control informa-
tion. The dual AFE is implemented using two separate AFE
blocks that are internally cascaded with serial port access to the
input of AFE Channel 1 and the output of AFE Channel 2.
This allows other single or dual codec devices to be cascaded
together (up to a limit of eight codec units).
In both transmit and receive modes, data is transferred at the
serial clock (SCLK2) rate with the MSB being transferred first.
Communications between the AFE section and the DSP section
must always be initiated by the AFE section (AFE is in master
mode—DSP SPORT is in slave mode). This ensures that there
is no collision between input data and output samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com