Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD734SQ/883B Datasheet(PDF) 12 Page - Analog Devices

Part # AD734SQ/883B
Description  10 MHz, 4-Quadrant Multiplier/Divider
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD734SQ/883B Datasheet(HTML) 12 Page - Analog Devices

Back Button AD734SQ/883B Datasheet HTML 4Page - Analog Devices AD734SQ/883B Datasheet HTML 5Page - Analog Devices AD734SQ/883B Datasheet HTML 6Page - Analog Devices AD734SQ/883B Datasheet HTML 7Page - Analog Devices AD734SQ/883B Datasheet HTML 8Page - Analog Devices AD734SQ/883B Datasheet HTML 9Page - Analog Devices AD734SQ/883B Datasheet HTML 10Page - Analog Devices AD734SQ/883B Datasheet HTML 11Page - Analog Devices AD734SQ/883B Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
–12–
AD734–Typical Characteristics
REV. C
Figure 31. Pulse Response vs.
CLOAD, CLOAD = 0 pF, 47 pF,
100 pF, 200 pF
TEMPERATURE – C
8
–55 –35 –15 5
25
45
65 85 105 125
6
4
2
0
–2
–4
INPUT OFFSET VOLTAGE
DRIFT WILL TYPICALLY BE
WITHIN SHADED AREA
–6
Figure 36. VOS Drift, Y Input
TEMPERATURE – C
20
–15
–55 –35 –15 5
25
45
65 85 105 125
15
10
5
0
–5
–10
INPUT OFFSET VOLTAGE
DRIFT WILL TYPICALLY BE
WITHIN SHADED AREA
Figure 34. VOS Drift, X Input
TEMPERATURE – C
60
–55 –35 –15 5
25
45 65 85 105 125
40
20
0
–20
–40
–60
INPUT OFFSET VOLTAGE
DRIFT WILL TYPICALLY BE
WITHIN SHADED AREA
Figure 35. VOS Drift, Z Input
Y1 FREQUENCY – MHz
10
100
60
20
30
40
50
70
80
90
–30
–20
0
–10
X1 FREQ =
Y1 FREQ –1MHz
(E.G., Y1 – X1 = 1MHz
FOR ALL CURVES)
U = 1V
U = 2V
U = 5V
U = 10V
Figure 33. Output Amplitude vs. Input
Frequency, When Used as Demodulator
SUPPLY VOLTAGE –
VS
–5
818
13
0
–10
–20
10
5
20
15
–15
910 11
12
14 15 16
17
Figure 32. Output Swing vs. Supply
Voltage
FREQUENCY – Hz
5
4
–5
100k
1M
10M
3
2
1
0
–1
–2
–3
–4
VS = 15V
X = 1.4V rms
Y = 10V
RLOAD = 500
CLOAD = 20pF, 47pF,
100pF
INCREASING
CLOAD
Figure 29. Gain vs. Frequency vs.
CLOAD
FREQUENCY – Hz
100k
1M
10M
0
–30
–60
–90
–120
–150
–180
VS = 15V
X = 1.4V rms
Y = 10V
RLOAD = 500
CLOAD = 20pF, 47pF, 100pF
INCREASING
CLOAD
Figure 30. Phase vs. Frequency
vs. CLOAD
14-Lead Ceramic DIP (Q) Package
14-Lead Plastic DIP (N) Package
0.210
(5.33)
MAX
0.160 (4.06)
0.115 (2.93)
0.795 (20.19)
0.725 (18.42)
0.022 (0.558)
0.014 (0.356)
0.100
(2.54)
BSC
PIN 1
0.280 (7.11)
0.240 (6.10)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
0.070 (1.77)
0.045 (1.15)
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.130
(3.30)
MIN
7
8
14
1
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com