| Electronic Components Datasheet Search |
|
SSL4120 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL4120 Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 48 page ![]() SSL4120 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 2 — 1 November 2012 9 of 48 NXP Semiconductors SSL4120 Resonant power supply controller IC with PFC for LED lighting 7.2.3 High-side driver floating supply (SUPHS pin) The high-side driver is supplied by an external bootstrap buffer capacitor, CSUPHS. The bootstrap capacitor is connected between the high-side reference the HB pin and the high-side driver supply input the SUPHS pin. CSUPHS is charged from the SUPREG pin using an external diode DSUPHS. Careful selection of the appropriate diode minimizes the voltage drop between SUPREG and SUPHS, especially when large MOSFETs and high switching frequencies are used. 7.2.4 High-voltage supply input (SUPHV pin) In a stand-alone power supply application, the SUPHV pin is connected to Vboost. CSUPIC and CSUPREG are charged using the HV start-up source (which delivers a constant current from SUPHV to SUPIC) using this pin. Short-circuit protection on the SUPIC pin (SCP-SUPIC; see Section 7.9) limits dissipation in the HV start-up source when SUPIC is shorted to ground. SCP-SUPIC limits the current on SUPHV to Ired(SUPHV) when the voltage on SUPIC is less than Vscp(SUPIC). Under normal operating conditions, the SUPIC pin voltage exceeds Vscp(SUPIC) very quickly after start-up and the HV start-up source switches to Inom(SUPHV). During start-up and restart, the HV start-up source charges CSUPIC and regulates the voltage on SUPIC using hysteretic control. The start level has a small amount of hysteresis Vstart(hys)(SUPIC). The HV start-up source switches-off when VSUPIC exceeds the start level Vstart(hvd)(SUPIC). Current consumption through the SUPHV pin is low (Itko(SUPHV)). Once start-up is complete and the HBC controller is operating, SUPIC is supplied from the HBC transformer auxiliary winding. In operational state, the HV start-up source is disabled. 7.3 Flow diagram The operation of the SSL4120 can be divided into a number of states (see Figure 3). The abbreviations used in Figure 3 are explained in Table 8. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |