Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AO4437 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4437
Description  12V P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4437 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4437_10 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4437_10 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4437_10 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4437_10 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AO4437
Symbol
Min
Typ
Max
Units
BVDSS
-12
V
-1
TJ=55°C
-5
±1
µA
±10
µA
VGS(th)
-0.3
-0.55
-1
ID(ON)
-20
A
12.4
16
TJ=125°C
17
21
15.9
20
m
Ω
20.4
25
m
Ω
gFS
38
S
VSD
-0.74
-1
V
IS
-4.5
A
Ciss
3960
4750
pF
Coss
910
pF
Crss
757
pF
Rg
6.9
8.5
Ω
Qg
37
47
nC
Qgs
4.5
nC
Qgd
11
nC
tD(on)
15
ns
tr
43
ns
tD(off)
158
ns
tf
95
ns
trr
64
ns
Qrr
50
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE
Gate-Body leakage current
Gate resistance
VGS=0V, VDS=0V, f=1MHz
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
Turn-Off Fall Time
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On Delay Time
DYNAMIC PARAMETERS
IF=-11A, dI/dt=100A/µs
VGS=0V, VDS=-6V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=-4.5V, VDS=-6V, ID=-11A
Gate Source Charge
Gate Drain Charge
Turn-On Rise Time
Turn-Off Delay Time
VGS=-4.5V, VDS=-6V, RL=0.55Ω,
RGEN=3Ω
m
Ω
VGS=-2.5V, ID=-10A
IS=-1A,VGS=0V
VDS=-5V, ID=-11A
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=-250µA
VDS=-9.6V, VGS=0V
VDS=0V, VGS=±8V
Zero Gate Voltage Drain Current
VDS=0V, VGS=±4.5V
IGSS
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-11A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-1.8V, ID=-6A
VGS=-4.5V, VDS=-5V
VGS=-4.5V, ID=-11A
Reverse Transfer Capacitance
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C.
The value in any given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal
resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA curve provides a single pulse rating.
Rev3: Nov. 2010
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com