Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7652 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7652
Description  16-Bit 1 MSPS SAR Unipolar ADC with Ref
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7652 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7652 Datasheet HTML 4Page - Analog Devices AD7652 Datasheet HTML 5Page - Analog Devices AD7652 Datasheet HTML 6Page - Analog Devices AD7652 Datasheet HTML 7Page - Analog Devices AD7652 Datasheet HTML 8Page - Analog Devices AD7652 Datasheet HTML 9Page - Analog Devices AD7652 Datasheet HTML 10Page - Analog Devices AD7652 Datasheet HTML 11Page - Analog Devices AD7652 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
REV. PrA
PRELIMINARY TECHNICAL DATA
–8–
AD7667
33
RESET
DI
Reset Input. When set to a logic HIGH, reset the AD7667. Current conversion if any is
aborted. If not used, this pin could be tied to DGND.
34
PD
DI
Power-Down Input. When set to a logic HIGH, power consumption is reduced and conver
sions are inhibited after the current one is completed.
35
CNVST
DI
Start Conversion. A falling edge on
CNVST puts the internal sample/hold into the hold state
and initiates a conversion. In impulse mode (IMPULSE HIGH and WARP LOW), if
CNVST is held low when the acquisition phase (t
8) is complete, the internal sample/hold
is put into the hold state and a conversion is immediately started.
36
AGND
P
Must Be Tied to Analog Ground
37
REF
AI
Reference Input Voltage
38
REFGND
AI
Reference Input Analog Ground
39
INGND
AI
Analog Input Ground
43
IN
AI
Primart Analog Input with a Range of 0 to 2.5 V.
45
TEMP
AO
Temperature sensor voltage output.
46
REFBUFIN
AI/O
Reference Input Voltage. The reference output and the reference buffer input.
47
PDREF
DI
Allows choice of Internal or External voltage reference. When HIGH, the internal refer-
ence is switched off and an external reference must be used. When low,the on-chip refer
ence is turned on.
48
PDBUF
DI
Allows choice of buffering internal reference. When LOW, the buffer is selected. When
HIGH, the buffer is switched off.
NOTES
AI = Analog Input
AI/O = Bidirectional Analog
AO = Analog Output
DI = Digital Input
DI/O = Bidirectional Digital
DO = Digital Output
P = Power
Pin No.
Mnemonic
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com