Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7705 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7705 Datasheet HTML 2Page - Analog Devices AD7705 Datasheet HTML 3Page - Analog Devices AD7705 Datasheet HTML 4Page - Analog Devices AD7705 Datasheet HTML 5Page - Analog Devices AD7705 Datasheet HTML 6Page - Analog Devices AD7705 Datasheet HTML 7Page - Analog Devices AD7705 Datasheet HTML 8Page - Analog Devices AD7705 Datasheet HTML 9Page - Analog Devices AD7705 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD7705/AD7706
–6–
REV. A
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1
SCLK
Serial Clock. Schmitt-Triggered Logic Input. An external serial clock is applied to this input
to access serial data from the AD7705/AD7706. This serial clock can be a continuous clock
with all data transmitted in a continuous train of pulses. Alternatively, it can be a noncon-
tinuous clock with the information being transmitted to the AD7705/AD7706 in smaller
batches of data.
2
MCLK IN
Master Clock signal for the device. This can be provided in the form of a crystal/resonator or
external clock. A crystal/resonator can be tied across the MCLK IN and MCLK OUT pins.
Alternatively, the MCLK IN pin can be driven with a CMOS-compatible clock and MCLK
OUT left unconnected. The part can be operated with clock frequencies in the range
500 kHz to 5 MHz.
3
MCLK OUT
When the master clock for the device is a crystal/resonator, the crystal/resonator is connected
between MCLK IN and MCLK OUT. If an external clock is applied to MCLK IN, MCLK
OUT provides an inverted clock signal. This clock can be used to provide a clock source for
external circuitry and is capable of driving one CMOS load. If the user does not require it,
this MCLK OUT can be turned off via the CLK DIS bit of the Clock Register. This ensures
that the part is not burning unnecessary power driving capacitive loads on MCLK OUT.
4
CS
Chip Select. Active low Logic Input used to select the AD7705/AD7706. With this input
hard-wired low, the AD7705/AD7706 can operate in its three-wire interface mode with
SCLK, DIN and DOUT used to interface to the device.
CS can be used to select the device
in systems with more than one device on the serial bus or as a frame synchronization signal in
communicating with the AD7705/AD7706.
5
RESET
Logic Input. Active low input that resets the control logic, interface logic, calibration
coefficients, digital filter and analog modulator of the part to power-on status.
6
AIN2(+)[AIN1]
AD7705: Positive input of the differential Analog Input Channel 2. AD7706: Analog Input
Channel 1.
7
AIN1(+)[AIN2]
AD7705: Positive input of the differential Analog Input Channel 1. AD7706: Analog Input
Channel 2.
8
AIN1(–)[COMMON]
AD7705: Negative input of the differential Analog Input Channel 1. AD7706: COMMON
Input. Analog inputs for Channels 1, 2 and 3 are referenced to this input.
9
REF IN(+)
Reference Input. Positive input of the differential Reference Input to the AD7705/AD7706.
The reference input is differential with the provision that REF IN(+) must be greater than
REF IN(–). REF IN(+) can lie anywhere between VDD and GND.
PIN CONFIGURATIONS
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SCLK
MCLK IN
MCLK OUT
CS
RESET
AIN2(+)
AIN1(+)
AIN1(–)
GND
VDD
DIN
DOUT
DRDY
AIN2(–)
REF IN(–)
REF IN(+)
AD7705
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SCLK
MCLK IN
MCLK OUT
CS
RESET
AIN1
AIN2
COMMON
GND
VDD
DIN
DOUT
DRDY
AIN3
REF IN(–)
REF IN(+)
AD7706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com