Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DTL9503 Datasheet(PDF) 1 Page - DinTek Semiconductor Co,.Ltd

Part # DTL9503
Description  P-Channel 30 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTL9503 Datasheet(HTML) 1 Page - DinTek Semiconductor Co,.Ltd

  DTL9503 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTL9503 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTL9503 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTL9503 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTL9503 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTL9503 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTL9503 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
P-Channel 30 V (D-S) MOSFET
FEATURES
Compliant to RoHS Directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
a
- 30
0.007 at VGS = - 10 V
± 75
0.010 at VGS = - 4.5 V
± 75
TO-220AB
Top View
GD S
TO-263
S
G
Top View
D
S
G
D
P-Channel MOSFET
Notes:
a. Package limited.
b. Duty cycle
 1 %.
c. When mounted on 1" square PCB (FR-4 material).
d. See SOA curve for voltage derating.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Gate-Source Voltage
VGS
± 20
V
Continuous Drain Current (TJ = 175 °C)
TC = 25 °C
ID
- 75a
A
TC = 125 °C
- 65
Pulsed Drain Current
IDM
- 240
Avalanche Current
IAR
- 60
Repetitive Avalanche Energyb
L = 0.1 mH
EAR
180
mJ
Power Dissipation
TC = 25 °C (TO-220AB and TO-263)
PD
187d
W
TA = 25 °C (TO-263)
c
3.75
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient
PCB Mount (TO-263)c
RthJA
40
°C/W
Free Air (TO-220AB)
62.5
Junction-to-Case
RthJC
0.8
Available
RoHS*
COMPLIANT
DT
www.
daysemi.jp


Similar Part No. - DTL9503

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTL9503 DINTEK-DTL9503 Datasheet
1Mb / 7P
P-Channel 30 V (D-S) MOSFET Compliant to RoHS Directive 2002/95/EC
DTL9503 DINTEK-DTL9503_13 Datasheet
1Mb / 7P
P-Channel 30 V (D-S) MOSFET Compliant to RoHS Directive 2002/95/EC
More results

Similar Description - DTL9503

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com