Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPR2010O1004DF Datasheet(PDF) 7 Page - MERITEK ELECTRONICS CORPORATION

Part # CPR2010O1004DF
Description  Pulse Withstanding Thick Film Chip Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPR2010O1004DF Datasheet(HTML) 7 Page - MERITEK ELECTRONICS CORPORATION

  CPR2010O1004DF Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CPR2010O1004DF Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CPR2010O1004DF Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CPR2010O1004DF Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CPR2010O1004DF Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CPR2010O1004DF Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CPR2010O1004DF Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION CPR2010O1004DF Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION CPR2010O1004DF Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Recommend Land Pattern
Lightning Surge
Resistors are tested in accordance with IEC 60 115-1 using both 1.2/50us and 10/700 pulse shapes. The limit of acceptance is a shift in
resistance of less than 1% from the initial value.
Type
A
B
C
CPR0603
0.90
0.60
0.90
CPR0805
1.20
0.70
1.30
CPR1206
2.00
0.90
1.60
CPR1210
2.00
0.90
2.80
CPR2010
3.80
0.90
2.80
CPR2512
3.80
1.60
3.50
CPR Series
Pulse Withstanding
Thick Film Chip Resistor
A
B
C
10/700us Lightning Surge
10
100
1000
10000
1
10
100
1000
10000
100000
1000000
10000000
Resistance (ohms)
2512
2010
1206
0805
Rev.7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com