Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMOC3053 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KMOC3053
Description  Optoisolators TRIAC Driver Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3053 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KMOC3053_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3053_11 Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3053_11 Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3053_11 Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3053_11 Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3053_11 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
SPECIFICATION
DATE:05/05/2011
NO.60P41008
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KMOC3053
SHEET 1 OF 6
REV.
3
Optoisolators TRIAC Driver Output
(600V Volts Peak)
Features
1. Compact dual-in-line package.
2. 600V peak blocking voltage.
3. Isolation voltage between input and output (Viso:5000Vrms).
For 115/240 Vac(rms) Application:
1. Solenoid/Valve Controls.
2. Lighting Controls.
3. Static Power Switches.
4. AC Motor Drives.
5. Temperature Controls.
6. E.M. Contactors.
7. AC Motor Starters.
8. Solid State Relays.
9. Programmable controllers.


Similar Part No. - KMOC3053_11

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3053H COSMO-KMOC3053H Datasheet
86Kb / 6P
Optoisolators TRIAC Driver Output
KMOC3053H COSMO-KMOC3053H Datasheet
214Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3053H COSMO-KMOC3053H Datasheet
270Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3053L COSMO-KMOC3053L Datasheet
214Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3053L COSMO-KMOC3053L Datasheet
270Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results

Similar Description - KMOC3053_11

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3023 COSMO-KMOC3023 Datasheet
351Kb / 2P
OPTOISOLATORS TRIAC DRIVER OUTPUT
KMOC3021S COSMO-KMOC3021S Datasheet
82Kb / 6P
Optoisolators TRIAC Driver Output
KMOC3022H COSMO-KMOC3022H Datasheet
86Kb / 6P
Optoisolators TRIAC Driver Output
KMOC3022S COSMO-KMOC3022S Datasheet
82Kb / 6P
Optoisolators TRIAC Driver Output
KMOC3023S COSMO-KMOC3023S Datasheet
82Kb / 6P
Optoisolators TRIAC Driver Output
KMOC3051S COSMO-KMOC3051S Datasheet
82Kb / 6P
Optoisolators TRIAC Driver Output
KMOC3052 COSMO-KMOC3052_11 Datasheet
85Kb / 6P
Optoisolators TRIAC Driver Output
KMOC3052H COSMO-KMOC3052H Datasheet
86Kb / 6P
Optoisolators TRIAC Driver Output
KMOC3052S COSMO-KMOC3052S Datasheet
82Kb / 6P
Optoisolators TRIAC Driver Output
KMOC3053H COSMO-KMOC3053H Datasheet
86Kb / 6P
Optoisolators TRIAC Driver Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com