Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AO4466 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4466
Description  30V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4466 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4466_12 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4466_12 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4466_12 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4466_12 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4466_12 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4466_12 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AO4466
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
1.5
2.1
2.6
V
ID(ON)
64
A
16.7
23
TJ=125°C
24.3
30
23.7
35
m
Ω
gFS
17
S
VSD
0.75
1
V
IS
2.4
A
Ciss
298
373
448
pF
Coss
46
67
88
pF
Crss
24
41
58
pF
Rg
0.6
1.8
2.8
Ω
Qg(10V)
5.7
7.1
8.6
nC
Qg(4.5V)
2.7
3.5
4.2
nC
Qgs
1.2
nC
Qgd
1.6
nC
tD(on)
4.3
ns
On state drain current
ID=250µA, VGS=0V
VGS=4.5V, VDS=5V
Gate Threshold Voltage
VDS=VGS ID=250µA
VDS=0V, VGS= ±20V
Gate-Body leakage current
Drain-Source Breakdown Voltage
Reverse Transfer Capacitance
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
VDS=30 VGS=0V
Zero Gate Voltage Drain Current
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
m
Ω
VGS=4.5V, ID=5A
IS=1A,VGS=0V
VDS=5V, ID=10A
VGS=10V, ID=10A
DYNAMIC PARAMETERS
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Gate Source Charge
VGS=10V, VDS=15V, ID=10A
Total Gate Charge
Gate Drain Charge
Total Gate Charge
Turn-On DelayTime
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
tD(on)
4.3
ns
tr
2.8
ns
tD(off)
15.8
ns
tf
3
ns
trr
8.4
10.5
12.6
ns
Qrr
3.6
4.5
5.4
nC
trr
4.7
6.0
7.2
ns
Qrr
5.3
6.6
8
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
IF=10A, dI/dt=100A/µs
Body Diode Reverse Recovery Charge IF=10A, dI/dt=100A/µs
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=10A, dI/dt=500A/µs
IF=10A, dI/dt=500A/µs
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=1.5Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
A: The value of R θJA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a still air environment with
T
A=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
F. The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.
G: L=100uH, V
DD=0V, RG=0
, rated V
DS=30V and VGS=10V
Rev 9: May. 2012
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com