Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6367C302ML Datasheet(PDF) 25 Page - Torex Semiconductor

Part # XC6367C302ML
Description  PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6367C302ML Datasheet(HTML) 25 Page - Torex Semiconductor

Back Button XC6367C302ML Datasheet HTML 20Page - Torex Semiconductor XC6367C302ML Datasheet HTML 21Page - Torex Semiconductor XC6367C302ML Datasheet HTML 22Page - Torex Semiconductor XC6367C302ML Datasheet HTML 23Page - Torex Semiconductor XC6367C302ML Datasheet HTML 24Page - Torex Semiconductor XC6367C302ML Datasheet HTML 25Page - Torex Semiconductor XC6367C302ML Datasheet HTML 26Page - Torex Semiconductor XC6367C302ML Datasheet HTML 27Page - Torex Semiconductor XC6367C302ML Datasheet HTML 28Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
0.0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20
40
60
80
0
20
40
60
80
100
-40
-20
0
20
40
60
80
0
10
20
30
40
50
-40
-20
0
20
40
60
80
0
10
20
30
40
50
-40
-20
0
20
40
60
80
0
50
100
150
200
-40
-20
0
20
40
60
80
2.90
2.95
3.00
3.05
3.10
-40
-20
0
20
40
60
80
VIN=1.8V
IOUT=120mA
Ambient Temp.:Ta (℃)
XC6368A333MR (300kHz,3.3V)
Ambient Temp.:Ta (℃)
XC6368A333MR (300kHz,3.3V)
Ambient Temp.:Ta (℃)
XC6368A333MR (300kHz,3.3V)
Ambient Temp.:Ta (℃)
XC6368A333MR (300kHz,3.3V)
Ambient Temp.:Ta (℃)
XC6368A333MR (300kHz,3.3V)
Ambient Temp.:Ta (℃)
XC6368B103MR (300kHz,3.0V)
(4) OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE
(5) SUPPLY CURRENT 1 vs. AMBIENT TEMPERATURE
(6) SUPPLY CURRENT 2 vs. AMBIENT TEMPERATURE
(7) STAND-BY CURRENT vs. AMBIENT TEMPERATURE
(8) EXT"H"ON RESISTANCE vs. AMBIENT TEMPERATURE
(9) EXT"L"ON RESISTANCE vs. AMBIENT TEMPERATURE
VDD=VOUT=3.135V
L=22μH(CR54), CL=94μF(Tantalum)
SD:MA737, Tr:XP161A1355P
VDD=VOUT=3.8V
VDD=3.135V, VOUT=VCE=0V
VDD=VOUT=3.135V
VDD=VOUT=3.135V
XC6367/6368
Series
431
4
04S_02XC6367/68 02.09.12 14:41 ページ 431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com