Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMSH2-40FL Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMSH2-40FL
Description  2.0A, 40V Schottky Rectifier in the SMAFL package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSH2-40FL Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMSH2-40FL Datasheet HTML 1Page - Central Semiconductor Corp CMSH2-40FL Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMAFL
Typical Electrical Characteristic
2.0A, 40V Schottky Rectifier
in the SMAFL package
Central Semiconductor’s CMSH2-40FL, packaged in the
SMAFL case, is an extremely energy efficient Schottky rectifier
ideal for portable battery powered applications requiring a
significantly lower profile. The SMAFL fits on industry standard
SMA mounting pads.
CMSH2-40FL
145 Adams Avenue
• Hauppauge • New York • 11788 • USA • www.centralsemi.com
• Energy efficiency
• Space saving low profile package
Benefits:
Features:
• High current capability
• Low leakage current
• Low forward voltage
• High surge capability
• Low package profile
Applications:
• Reverse polarity protection
• Voltage clamping
• DC-DC output rectification
• Power management
Use QR reader
for direct link to
product web page,
Weblink:
or use: www.centralsemi.com/info/CMSH2-40FL
To request samples visit:
www.centralsemi.com/info/CMSH2-40FL
Samples
Maximum Ratings (TA = 25˚C unless otherwise noted)
Electrical Characteristics (TA = 25˚C unless otherwise noted)
VRRM
(V)
MAX
IO
TL = 125˚C
(A)
MAX
TJ, Tstg
(˚C)
MAX
IFSM
(A)
MAX
VF
@ IF
(V)
(V)
(A)
TYP
MAX
IR
@ VR
(μA)
(μA)
(V)
TYP
MAX
40
2.0
-65 to +150
50
0.38
0.50
2.0
30
100
40
Package Profile Comparison:
The SMAFL has a
55% lower profile than the SMA
1.1mm
2.62mm
SMAFL
SMA
Product Brief
Product Brief


Similar Part No. - CMSH2-40FL

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH2-40FL CENTRAL-CMSH2-40FL_15 Datasheet
411Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
More results

Similar Description - CMSH2-40FL

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB220 WTE-SB220 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB240A GULFSEMI-SB240A Datasheet
397Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 2.0A
logo
WILLAS ELECTRONIC CORP
SL22-L WILLAS-SL22-L Datasheet
320Kb / 4P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-LS PACKAGE
SL22-M WILLAS-SL22-M Datasheet
303Kb / 4P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SOD-123-L PACKAGE
logo
Central Semiconductor C...
CBRHDSH1-200 CENTRAL-CBRHDSH1-200 Datasheet
1Mb / 2P
1.0A, 40V thru 200V Schottky Bridge Rectifier in the HD DIP package
CMSH1-40HE_SERIES CENTRAL-CMSH1-40HE_SERIES Datasheet
1Mb / 2P
1.0A, 40V thru 200V Schottky Rectifiers in the SMA package
CMSH3-40FL CENTRAL-CMSH3-40FL Datasheet
1Mb / 2P
3.0A, 40V Schottky Rectifier in the SMBFL package
logo
Diodes Incorporated
SDM2A20CSP DIODES-SDM2A20CSP Datasheet
385Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
Rev erse
B240S1F DIODES-B240S1F Datasheet
416Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
B260S1F DIODES-B260S1F Datasheet
417Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
May 2017 Rev. 2 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com