Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KPC4N33S Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KPC4N33S
Description  High Reliability Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC4N33S Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KPC4N33S Datasheet HTML 1Page - COSMO  Electronics Corporation KPC4N33S Datasheet HTML 2Page - COSMO  Electronics Corporation KPC4N33S Datasheet HTML 3Page - COSMO  Electronics Corporation KPC4N33S Datasheet HTML 4Page - COSMO  Electronics Corporation KPC4N33S Datasheet HTML 5Page - COSMO  Electronics Corporation KPC4N33S Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCT SPECIFICATION
DATE:01/29/2010
NO.61P21008
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KPC4N33S
SHEET 2 OF 6
REV.
1
Outside Dimension:Unit ( mm )
7.3
cosmo
4N33
XXX
Date Code
10.00±0.3
1.00
6.5
7.8±0.25
0
~10°
-0.1
+0.2
1.2±0.15
2.54
2.54
TOLERANCE:±0.2mm
Schematic:Top View
2
3
1
5
4
6
1. Anode
2. Cathode
3. NC
4. Emitter
5. Collector
6. Base



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com