Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RN73B2HTP1001F Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # RN73B2HTP1001F
Description  Precision Thin Film Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RN73B2HTP1001F Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  RN73B2HTP1001F Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RN73B2HTP1001F Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION RN73B2HTP1001F Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION RN73B2HTP1001F Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION RN73B2HTP1001F Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
 
 
Rev. 7
 
Precision Thin Film Chip Resistors
RN73 Series
Standard Electrical Specifications
 
Item
Type
Power
Rating
at 70°C
Operating
Temp.
Range
Max.
Operating
Voltage
Max.
Overload
Voltage
Resistance Range
TCR
(PPM/°C)
±0.05%
±0.1%
±0.25% ±0.5%
±1%
1H (0201)
1/32W
-55 ~ +155°C
15V
30V
-
49.9Ω - 5KΩ
±25
49.9Ω - 33KΩ
±50
1E (0402)
1/16W
-55 ~ +155°C
25V
50V
-
10Ω - 205KΩ
±25
10Ω - 205KΩ
1Ω - 205KΩ
±50
1J (0603)
1/16W
-55 ~ +155°C
50V
100V
4.7Ω
-332KΩ
4.7Ω - 1MΩ
2Ω - 1MΩ
±25
1Ω - 1MΩ
±50
2A (0805)
1/10W
-55 ~ +155°C
100V
200V
4.7Ω
-511KΩ
4.7Ω - 2MΩ
1Ω - 2MΩ
±25
±50
2B (1206)
1/8W
-55 ~ +155°C
150V
300V
4.7Ω - 1MΩ
4.7Ω -
2.5MΩ
1Ω - 2.5MΩ
±25
±50
2E (1210)
1/4W
2H (2010)
1/4W
-55 ~ +155°C
150V
300V
4.7Ω - 1MΩ 4.7Ω - 3MΩ
1Ω - 3MΩ
±25
±50
3A (2512)
1/2W
Operating Voltage=√(P*R) or Max. operating voltage listed above, whichever is lower.
Overload Voltage=2.5*√(P*R) or Max. overload voltage listed above, whichever is lower.
Viking is capable of manufacturing the optional spec based on customer’s requirement.
Lower Resistance:1~10Ω
Special Electrical Specifications
 
Item
Type
Power
Rating
at 70°C
Operating
Temp.
Range
Max.
Operating
Voltage
Max.
Overload
Voltage
Resistance Range
TCR
(PPM/°C)
±0.01%
±0.05%
±0.1%
1E (0402)
1/16W
-55 ~
+155°C
25V
50V
49.9Ω - 5KΩ
±5
49.9Ω - 12KΩ
±10
49.9Ω - 12KΩ
49.9Ω - 70KΩ
±15
1J (0603)
1/16W
-55 ~
+155°C
50V
100V
24.9Ω - 15KΩ
±5
24.9Ω - 100KΩ
4.7Ω - 332KΩ
±10
±15
2A (0805)
1/10W
-55 ~
+155°C
100V
200V
24.9Ω - 30KΩ
±5
24.9Ω - 200KΩ
4.7Ω - 511KΩ
±10
±15
2B (1206)
1/8W
-55 ~
+155°C
150V
300V
24.9Ω - 50KΩ
±5
24.9Ω - 500KΩ
4.7Ω - 1MΩ
±10
±15
2E (1210)
1/ 4W
-55 ~
+155°C
150V
300V
24.9Ω - 50KΩ
±5
24.9Ω - 500KΩ
4.7Ω - 1MΩ
±10
±15
2H (2010)
1/4W
-55 ~
+155°C
150V
300V
24.9Ω - 100KΩ
±5
24.9Ω - 500KΩ
4.7Ω - 1MΩ
±10
±15
3A (2512)
1/2W
-55 ~
+155°C
150V
300V
24.9Ω - 100KΩ
±5
24.9Ω - 500KΩ
4.7Ω - 1MΩ
±10
±15
Operating Voltage=√(P*R) or Max. operating voltage listed above, whichever is lower.
Overload Voltage=2.5*√(P*R) or Max. overload voltage listed above, whichever is lower.
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com