Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6367D151ML Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6367D151ML
Description  PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6367D151ML Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6367D151ML Datasheet HTML 15Page - Torex Semiconductor XC6367D151ML Datasheet HTML 16Page - Torex Semiconductor XC6367D151ML Datasheet HTML 17Page - Torex Semiconductor XC6367D151ML Datasheet HTML 18Page - Torex Semiconductor XC6367D151ML Datasheet HTML 19Page - Torex Semiconductor XC6367D151ML Datasheet HTML 20Page - Torex Semiconductor XC6367D151ML Datasheet HTML 21Page - Torex Semiconductor XC6367D151ML Datasheet HTML 22Page - Torex Semiconductor XC6367D151ML Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
XC6367/6368
Series
425
4
XC6368A503MR (300kHz,5.0V)
4.7
4.8
4.9
5.0
5.1
5.2
0.1
1
10
100
1000
4V
VIN=0.9V,1.2V
XC6368A333MR (300kHz,3.3V)
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
2.7V
VIN=0.9V
1.8V
1.2V
1.5V
XC6368A333MR (300kHz,3.3V)
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
2.7V
VIN=0.9V
1.8V
1.5V
1.2V
XC6368A333MR (300kHz,3.3V)
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
2.7V
VIN=0.9V
1.8V
1.2V
1.5V
XC6368A332MR (180kHz,3.3V)
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
2.7V
VIN=0.9V
1.8V
1.2V
1.5V
XC6367A332MR (180kHz,3.3V)
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
2.7V
VIN=0.9V,1.2V
1.8V
1.5V
■Electrical Characteristics
(1) OUTPUT VOLTAGE vs. OUTPUT CURRENT
1.5V,1.8V
3V
L=22μH(CR54), CL=94μF(Tantalum)
SD:MA737, Tr:XP161A1355P
L=22μH(CR54), CL=94μF(Tantalum)
SD:MA737, Tr:XP161A1265P
L=33μH(CR54), CL=94μF(Tantalum)
SD:MA737, Tr:XP161A1355P
L=22μH(CR54), CL=94μF(Tantalum)
SD:MA737, Tr:XP161A1355P
Output Current:IOUT (mA)
L=22μH(CR54), CL=94μF(Tantalum)
Output Current:IOUT (mA)
Output Current:IOUT (mA)
Output Current:IOUT (mA)
Output Current:IOUT (mA)
L=10μH(CR54), CL=94μF(Tantalum)
SD:MA737, Tr:XP161A1355P
Output Current:IOUT (mA)
Note:〈External component〉CIN=220μF(Electrolytic capacitor)
SD:MA737,Tr:XP161A1355P
■Typical Performance Characteristics
04S_02XC6367/68 02.09.12 14:41 ページ 425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com