Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD827 Datasheet(PDF) 2 Page - Analog Devices

Part # AD827
Description  High Speed, Low Power Dual Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD827 Datasheet(HTML) 2 Page - Analog Devices

  AD827 Datasheet HTML 1Page - Analog Devices AD827 Datasheet HTML 2Page - Analog Devices AD827 Datasheet HTML 3Page - Analog Devices AD827 Datasheet HTML 4Page - Analog Devices AD827 Datasheet HTML 5Page - Analog Devices AD827 Datasheet HTML 6Page - Analog Devices AD827 Datasheet HTML 7Page - Analog Devices AD827 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. B
–2–
AD827–SPECIFICATIONS (@ T
A = +25 C, unless otherwise noted)
AD827J
AD827A/S
Model
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Units
DC PERFORMANCE
Input Offset Voltage
1
±5 V
0.5
2
0.3
2
mV
TMIN to TMAX
3.5
4
mV
±15 V
4
4
mV
TMIN to TMAX
66
mV
Offset Voltage Drift
±5 V to ±15 V
15
15
µV/°C
Input Bias Current
±5 V to ±15 V
3.3
7
3.3
7
µA
TMIN to TMAX
8.2
9.5
µA
Input Offset Current
±5 V to ±15 V
50
300
50
300
nA
TMIN to TMAX
400
400
nA
Offset Current Drift
±5 V to ±15 V
0.5
0.5
nA/
°C
Common-Mode Rejection Ratio
VCM = ± 2.5 V
±5 V
7895
8095
dB
VCM =
±12 V
±15 V
7895
8095
dB
TMIN to TMAX
±5 V to ±15 V 7575dB
Power Supply Rejection Ratio
±5 V to ±15 V 7586
7586
dB
TMIN to TMAX
72
72
dB
Open-Loop Gain
VO = ± 2.5 V
±5 V
RLOAD = 500
Ω
2
3.5
2
3.5
V/mV
TMIN to TMAX
1
1
V/mV
RLOAD = 150 Ω
1.6
1.6
V/mV
VOUT =
±10 V
±15 V
RLOAD = 1 k
Ω
3
5.5
3
5.5
V/mV
TMIN to TMAX
1.5
1.5
V/mV
MATCHING CHARACTERISTICS
Input Offset Voltage
±5 V
0.4
0.2
mV
Crosstalk
f = 5 MHz
±5 V
85
85
dB
DYNAMIC PERFORMANCE
Unity-Gain Bandwidth
±5 V
35
35
MHz
±15 V
50
50
MHz
Full Power Bandwidth
2
VO = 5 V p-p,
RLOAD = 500 Ω± 5 V
12.7
12.7
MHz
VO = 20 V p-p,
RLOAD = 1 k
Ω±15 V
4.7
4.7
MHz
Slew Rate3
RLOAD = 500 Ω± 5 V
200
200
V/
µs
RLOAD = 1 k
Ω±15 V
300
300
V/
µs
Settling Time to 0.1%
AV = –1
–2.5 V to +2.5 V
±5 V
65
65
ns
–5 V to +5 V
±15 V
120
120
ns
Phase Margin
CLOAD = 10 pF
±15 V
RLOAD = 1 kΩ
50
50
Degrees
Differential Gain Error
f = 4.4 MHz
±15 V
0.04
0.04
%
Differential Phase Error
f = 4.4 MHz
±15 V
0.19
0.19
Degrees
Input Voltage Noise
f = 10 kHz
±15 V
15
15
nV/
√Hz
Input Current Noise
f = 10 kHz
±15 V
1.5
1.5
pA/
√Hz
Input Common-Mode
Voltage Range
±5 V
+4.3
+4.3
V
–3.4
–3.4
V
±15 V
+14.3
+14.3
V
–13.4
–13.4
V
Output Voltage Swing
RLOAD = 500
Ω±5 V
3.0
3.6
3.0
3.6
±V
RLOAD = 150
Ω±5 V
2.5
3.0
2.5
3.0
±V
RLOAD = 1 kΩ± 15 V
12
13.3
12
13.3
±V
RLOAD = 500
Ω±15 V
10
12.2
10
12.2
±V
Short-Circuit Current Limit
±5 V to ±15 V
32
32
mA
INPUT CHARACTERISTICS
Input Resistance
300
300
k
Ω
Input Capacitance
1.5
1.5
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com