Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12013 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # 12013
Description  EUROPEAN CORD SET; 250cm LONG CEE 7/7 R/A TO IEC 60320 C13
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

12013 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  12013 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973-560-0019
Whippany, New Jersey
Fax: 973-560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
DESCRIPTION
-
COLOR
APPROVAL
CABLE SPECIFICATIONS
OVERALL
RATING
TOLERANCE IN MM
UNLESS OTHERWISE SPECIFIED
> 1000
±
50
<= 1000
±
30
STRIPPED LENGTH
±
2
Ö V E
D E
V
CEBEC
EUR
EMA
N
D
SHEET
1 of 1
250cm±5cm
CEE 7/7
D E
V
Ö V E
IEC 60320 C13
D E
V
Ö V E
HANKING DETAIL
200±30
EUROPEAN CORD SET; 250cm LONG
CEE 7/7 R/A TO IEC 60320 C13
12013
E
TM
1/10/94
AH
8/27/98
SS
8/27/98
3x1.0mm²
H05VV-F
10A 250V
BLACK
COLOR CODE
INT'L
NOMINAL O.D.
7.1
CEBEC
EUR
EMA
N
D
CEBEC
EUR
EMA
N
D
NOTES:
1. Actual plugs & connectors (design & shape) may differ from drawing.
COLOR: BLACK
COLOR: BLACK


Similar Part No. - 12013

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
12013 ARIES-12013 Datasheet
543Kb / 1P
Series 0513 Pin-Line??Socket Strips w/Collet Contacts & Solder Pin Tails
logo
Evolt
12013 EKTOR-12013 Datasheet
306Kb / 3P
HOVER CORE
3rd of February 2025 04:55:40
logo
Weidmuller
1201300000 WEIDMULLER-1201300000 Datasheet
31Mb / 340P
HDC-KIT-HA 03.300
logo
PHOENIX CONTACT
1201336 PHOENIX-1201336 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
logo
OSA Opto Light GmbH
120134 OSA-120134 Datasheet
53Kb / 1P
GaAs / GaAs LED Chips
More results

Similar Description - 12013

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
1162H POWERDYNAMICS-1162H Datasheet
62Kb / 1P
AMERICAN CORD SET, HOSPITAL GRADE NEMA 5-15P TO IEC 60320 C13; 250cm LONG
10060 POWERDYNAMICS-10060 Datasheet
54Kb / 1P
AMERICAN CORD SET, NEMA 5-15P TO IEC 60320 C19, 250cm LONG
10095 POWERDYNAMICS-10095 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, 100cm LONG, IEC 60320 C14 TO IEC 60320 C13
12060 POWERDYNAMICS-12060 Datasheet
48Kb / 1P
CONTINENTAL EUROPE CORD SET CEE 7/7 STRAIGHT TO IEC 60320 C19
14012 POWERDYNAMICS-14012 Datasheet
52Kb / 1P
BRITISH FUSED CORD SET 250cm LONG BS 1363 TO IEC 60320 C13, 13A FUSE
16012 POWERDYNAMICS-16012 Datasheet
56Kb / 1P
INDIA / SOUTH AFRICA CORD SET; 250cm LONG; BS546/A TO IEC 60320 C13
18012 POWERDYNAMICS-18012 Datasheet
50Kb / 1P
DENMARK CORD SET; 250cm LONG SRAF TO IEC 60320 C13
19012 POWERDYNAMICS-19012 Datasheet
52Kb / 1P
JAPAN CORD SET; 250cm LONG JIS 8303 TO IEC 60320 C13
logo
Tripp Lite. All Rights ...
P054006 TRIPPLITE-P054006 Datasheet
474Kb / 2P
2-Prong European Computer Power Cord, 10A (IEC-320-C13 to SCHUKO CEE 7-7), 6-ft
P054008 TRIPPLITE-P054008 Datasheet
476Kb / 2P
2-Prong European Computer Power Cord, 10A (IEC-320-C13 to SCHUKO CEE 7-7), 8-ft
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com