Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

06XS4200 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 06XS4200
Description  Dual 24 V 6.0 mOhm High Side Switch
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

06XS4200 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 06XS4200 Datasheet HTML 9Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 10Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 11Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 12Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 13Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 14Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 15Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 16Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
Analog Integrated Circuit Device Data
13
Freescale Semiconductor
06XS4200
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS OF THE OUTPUT STAGE (HS0 AND HS1) (CONTINUED)
Current Sense Clamping Voltage (condition: R(CSNS) > 10 kOhm)
VCL(CSNS)
5.5
–
7.5
V
Open-load detection Current threshold in OFF state (18)
IOLD(OFF)
30
–
100
A
Open-load Fault Detection Voltage Threshold (18)
VOLD(THRES)
4.0
–
5.5
V
Open-load detection Current threshold in ON state (see Open-Load
Detection In On State (OL_ON)):
CSNS_ratio bit = 0
CSNS_ratio bit = 1 (fast slew rate SR[1:0] = 10 mandatory for this
function)
IOLD(ON)
200.0
5.0
500.0
7.0
999.9
10
mA
Time period of the periodically activated Open-load in ON state detection
for CSNS_ratio bit = 1
tOLLED
105
150
195
ms
Output Shorted-to-VPWR Detection Voltage Threshold (channel in OFF
state)
VOSD(THRES)
VPWR-1.2
VPWR-0.8 VPWR-0.4
V
Switch turn-on threshold for Negative Output Voltages (protects against
negative transients) - (measured at IOUT = 100 mA, Channel in OFF state)
VCL
-35
–
-24
V
Switch turn-on threshold for Negative Output Voltages difference from
one channel to the other in parallel mode - (measured at IOUT = 100 mA,
Channel in OFF state)
VCL
-2.0
–
+2.0
V
Switching State (On/Off) discrimination thresholds
VHS_TH
0.45*VPWR 0.5*VPWR 0.55*VPWR
V
Shutdown temperature (Power MOSFET junction; 6.0 V < VPWR < 58 V)
TSD
160
175
190
C
Notes:
18.
Minimum required value of Open-load impedance for detection of Open-load in OFF-state: 200 k
.(VOLD(THRES) = VHS @ IOLD(OFF))
Table 3. Static Electrical Characteristics (continued)
Unless specified otherwise: 8.0 V
 VPWR  36 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V. Typical values are
average values evaluated under nominal conditions TA = 25 °C, VPWR = 28 V & VDD = 5.0 V, unless specified otherwise.
parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com