Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA690XKQ Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA690XKQ
Description  High Accuracy Low g Inertial Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA690XKQ Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA690XKQ Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA690XKQ Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA690XKQ Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA690XKQ Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA690XKQ Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA690XKQ Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA690XKQ Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA690XKQ Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA690XKQ Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Document Number: MMA690xKQ
Rev. 5, 08/2012
Freescale Semiconductor
Data Sheet: Technical Data
© 2010-2012 Freescale Semiconductor, Inc. All rights reserved.
High Accuracy Low g Inertial Sensor
MEMS Sensing, State Machine ASIC
The MMA690xKQ, a SafeAssure solution, is a dual axis, Low g, XY, Sensor
based on Freescale’s HARMEMS technology, with an embedded DSP ASIC,
allowing for additional processing of the digital signals.
Features
•
Sensitivity in X and Y axes
•
±3.5 or ±5.0g full-scale range per axis
•
AEC-Q100 qualified, Rev. F, grade 2 (-40
≤ TA ≤ 105°C)
•
50 Hz second order low-pass filter
•
Unsigned 11-bits digital data output
•
SPI-compatible serial interface
•
Capture/hold input for system-wide synchronization support
•
3.3 or 5.0V single supply operation
•
On-chip temperature sensor and voltage regulator
•
Bi-directional internal self-test
•
Minimal external component requirements
•
Pb-free 16-pin QFN package
•
Pulse-code modulated output available for device evaluation
Typical Applications
•
With a ±3.5g or ±5.0g full scale range, the newly designed, high accuracy
sensor, enables Electronic Stability Control (ESC) designers to
accommodate higher original signal noise level without sacrificing resolution.
•
Tilt Measurement
•
Electronic Parking Brake
ORDERING INFORMATION
Device Name
Range
Shipping
MMA6900KQ
±3.5g
Tubes
MMA6901KQ
±5.0g
MMA6900KQR2
±3.5g
Tape and Reel
MMA6901KQR2
±5.0g
CREF
VSS
CAP/HOLD
DIN
VPP
CREF
VCC
1
2
3
4
5
6
7
8
12
11
10
9
16 15 14 13
PCM_Y
MMA690xKQ
DUAL AXIS SPI
INERTIAL SENSOR
16-PIN QFN
98ASA10571D
CASE 1477-02
PIN CONNECTIONS
Bottom View
Top View


Similar Part No. - MMA690XKQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA690XKQ NXP-MMA690XKQ Datasheet
844Kb / 37P
High Accuracy Low g Inertial Sensor
Rev. 5, 08/2012
More results

Similar Description - MMA690XKQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
MEMS inertial sensor 3-axis, low g accelerometer with digital output
20-Aug-2008
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
PSI5 Inertial Sensor
MMA6700EG FREESCALE-MMA6700EG Datasheet
143Kb / 8P
High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
MMA690XQ FREESCALE-MMA690XQ Datasheet
711Kb / 36P
High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
DSI Inertial Sensor
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
DSI Inertial Sensor
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
DSI Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
DSI Inertial Sensor
Rev. 8, 01/2017
MMA690XKQ NXP-MMA690XKQ Datasheet
844Kb / 37P
High Accuracy Low g Inertial Sensor
Rev. 5, 08/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com