Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA8450QR1 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MMA8450QR1
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QR1 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MMA8450QR1 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8450QR1 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8450QR1 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8450QR1 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8450QR1 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8450QR1 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8450QR1 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8450QR1 Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8450QR1 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
MMA8450Q
Sensors
Freescale Semiconductor, Inc.
21
YDR is set whenever a new acceleration sample related to the Y-axis is available. YDR is cleared anytime OUT_Y_MSB register
is read. In order to enable the monitoring and assertion of this bit, the YDR bit requires the Y-axis event detection flag to be
enabled (bit YDEFE = 1 inside XYZ_DATA_CFG register).
XDR is set to 1 whenever a new acceleration sample related to the X-axis is available. XDR is cleared anytime OUT_X_MSB
register is read. In order to enable the monitoring and assertion of this bit, the XDR bit requires the X-axis to event detection flag
to be enabled (bit XDEFE = 1 inside XYZ_DATA_CFG register).
The ZDR and ZOW flag generation requires the Z-axis event flag generator to be enabled (ZDEFE = 1) in the XYZ_DATA_CFG
register.
The YDR and YOW flag generation requires the Y-axis event flag generator to be enabled (YDEFE = 1) in the XYZ_DATA_CFG
register.
The XDR and XOW flag generation requires the X-axis event flag generator to be enabled (XDEFE = 1) in the XYZ_DATA_CFG
register.
The ZYXDR and ZYXOW flag generation is requires the Z-axis, Y-axis, X-axis event flag generator to be enabled (ZDEFE = 1,
YDEFE = 1, XDEFE = 1) in the XYZ_DATA_CFG register.
0x01, 0x02, 0x03: OUT_MSB 8-Bit XYZ Data Registers
X, Y and Z-axis data is expressed as 2’s complement numbers. The most significant 8-bits are stored together in
OUT_X_MSB, OUT_Y_MSB, OUT_Z_MSB so applications needing only 8-bit results can use these registers and can ignore the
OUT_X_LSB, OUT_Y_LSB, OUT_Z_LSB. The status Register 0x00, OUT_X_MSB, OUT_Y_MSB, OUT_Z_MSB are duplicated
in the auto-incrementing address range of 0x00 to 0x03 to reduce reading the status followed by 8-bit axis data to a 4 byte
sequence.
0x05 - 0x0A: OUT_MSB and OUT_LSB 12-Bit XYZ Data Registers
X, Y and Z-axis data is expressed as 2’s complement numbers. The STATUS (0x04), OUT_X_LSB (0x05), OUT_X_MSB
(0x06), OUT_Y_LSB (0x07), OUT_Y_MSB (0x08), OUT_Z_LSB(0x09), OUT_Z_MSB (0x0A) are stored in auto-incrementing
address range of 0x04 to 0x0A to reduce reading the status followed by 12-bit axis data to 7 bytes.
0x01 OUT_X_MSB: X_MSB Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XD11
XD10
XD9
XD8
XD7
XD6
XD5
XD4
0x02 OUT_Y_MSB: Y_MSB Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
YD11
YD10
YD9
YD8
YD7
YD6
YD5
YD4
0x03 OUT_Z_MSB: Z_MSB Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ZD11
ZD10
ZD9
ZD8
ZD7
ZD6
ZD5
ZD4
0x05 OUT_X_LSB: X_LSB Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
XD3
XD2
XD1
XD0
0x06 OUT_X_MSB: X_MSB Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XD11
XD10
XD9
XD8
XD7
XD6
XD5
XD4
0x07 OUT_Y_LSB: Y_LSB Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00
YD3
YD2
YD1
YD0
0x08 OUT_Y_MSB: Y_MSB Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
YD11
YD10
YD9
YD8
YD7
YD6
YD5
YD4
0x09 OUT_Z_LSB: Z_LSB Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00
ZD3
ZD2
ZD1
ZD0
0x0A OUT_Z_MSB: Z_MSB Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ZD11
ZD10
ZD9
ZD8
ZD7
ZD6
ZD5
ZD4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com