Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD846 Datasheet(PDF) 2 Page - Analog Devices

Part # AD846
Description  450 V/us, Precision, Current-Feedback Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD846 Datasheet(HTML) 2 Page - Analog Devices

  AD846 Datasheet HTML 1Page - Analog Devices AD846 Datasheet HTML 2Page - Analog Devices AD846 Datasheet HTML 3Page - Analog Devices AD846 Datasheet HTML 4Page - Analog Devices AD846 Datasheet HTML 5Page - Analog Devices AD846 Datasheet HTML 6Page - Analog Devices AD846 Datasheet HTML 7Page - Analog Devices AD846 Datasheet HTML 8Page - Analog Devices AD846 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. C
–2–
AD846–SPECIFICATIONS (@ +25 C and 15 V dc, unless otherwise noted)
AD846A
AD846B
AD846S
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
1
Initial
25
200
25
75
25
200
µV
TMIN –TMAX
50
350
50
125
100
350
µV
vs. Temperature
0.8
5
0.8
3.5
1
5.5
µV/°C
vs. Supply (PSRR)
5 V–18 V
2
Initial
110
125
120
125
110
125
dB
TMIN –TMAX
110
120
116
120
94
116
dB
vs. Common Mode (CMRR)
VCM =
± 10 V
Initial
110
125
120
125
110
125
dB
TMIN–TMAX
110
120
116
120
94
116
dB
INPUT BIAS CURRENT
3
–Input Bias Current
Initial
150
450
100
250
150
450
nA
TMIN –TMAX
450
1200
400
750
1000
1500
nA
vs. Temperature
6
20
6
17
9
20
nA/
°C
vs. Supply
5 V–18 V
2
Initial
9
15
9
10
9
15
nA/V
TMIN –TMAX
11
20
11
15
11
25
nA/V
vs. Common Mode
VCM =
± 10 V
Initial
5
10
3
5
5
10
nA/V
TMIN –TMAX
515
3
7
5
20
nA/V
+Input Bias Current
Initial
3
15
3
5
3
15
µA
TMIN –TMAX
420
4
7
5
20
µA
vs. Temperature
15
80
15
45
15
80
nA/
°C
vs. Supply
5 V–18 V
2
Initial
5
15
5
10
5
15
nA/V
TMIN –TMAX
520
5
15
5
20
nA/V
vs. Common Mode
VCM =
± 10 V
Initial
5
15
3
10
5
15
nA/V
TMIN –TMAX
515
3
10
5
20
nA/V
INPUT CHARACTERISTICS
Input Resistance
–Input
50
50
50
Ω
+Input
10
10
10
k
Ω
Input Capacitance
–Input
2
2
2
pF
+Input
2
2
2
pF
INPUT VOLTAGE RANGE
Common Mode
±10
±10
±10
V
INPUT VOLTAGE NOISE
F = 1 kHz
2
2
2
nV/
√Hz
Input Current Noise
–Input
1 kHz
20
20
20
pA/
√Hz
+Input
1 kHz
6
6
6
pA/
√Hz
OPEN LOOP
TRANSRESISTANCE
VOUT =
±10 V
RLOAD = 500
Ω
100
200
150
200
100
200
M
Ω
TMIN –TMAX
50
75
50
M
Ω
OUTPUT CHARACTERISTICS
Voltage
RLOAD = 500
Ω
10
10
10
V
Current
Short Circuit
65
65
65
mA
Output Resistance
Open Loop
16
16
16
Ω
FREQUENCY RESPONSE
Small Signal Bandwidth
AV = –1 RF = 1k
80
80
80
MHz
(–3 dB)
AV = –10 RF = 875
Ω
31
31
31
MHz
AV = –30 RF = 875
Ω
15
15
15
MHz
Full Power Bandwidth
4
VOUT = 20 V p-p
RI = 500
Ω
6.8
6.8
6.8
MHz
Rise Time
AV = –1
110
10
10
ns
Overshoot
AV = –1
20
20
20
%
Slew Rate
AV = –1
450
450
450
V/
µs
Settling Time
10 V Step, AV = –1
to 0.1%
80
80
80
ns
to 0.01%
110
110
110
ns
TOTAL HARMONIC
DISTORTION
5
F = 100 kHz
0.0005
0.0005
0.0005
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com