Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC8154E Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MSC8154E
Description  Quad-Core Digital Signal Processor with Security
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8154E Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MSC8154E_11 Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8154E_11 Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC8154E_11 Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC8154E_11 Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8154E_11 Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8154E_11 Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC8154E_11 Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC8154E_11 Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC8154E_11 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
MSC8154E Quad-Core Digital Signal Processor with Security Data Sheet, Rev. 4
Hardware Design Considerations
Freescale Semiconductor
56
2.
After the above rails rise to 90% of their nominal voltage, the following I/O power rails may rise in any sequence (see
Figure 34): QVDD, NVDD, GVDD1, and GVDD2.
Notes: 1.
If the M3 memory is not used, M3VDD can be tied to GND.
2.
If the MAPLE-B is not used, MVDD can be tied to GND.
3.
If the HSSI port1 is not used, SXCVDD1and SXPVDD1 must be connected to the designated power supplies.
4.
If the HSSI port2 is not used, SXCVDD2 and SXPVDD2 must be connected to the designated power supplies.
5.
If the DDR port 1 interface is not used, it is recommended that GVDD1 be left unconnected.
6.
If the DDR port 2 interface is not used, it is recommended that GVDD2 be left unconnected.
3.1.4
Reset Guidelines
When a debugger is not used, implement the connection scheme shown in Figure 35.
When a debugger is used, implement the connection scheme shown in Figure 36.
Figure 34. Supply Ramp-Up Sequence
Figure 35. Reset Connection in Functional Application
Figure 36. Reset Connection in Debugger Application
VDD, MVDD, M3VDD
90%
NVDD, QVDD, GVDD1, GVDD2
On-board PORESET source
TRST
PORESET
MSC815x
(example: voltage monitor)
10
ΚΩ
On-board PORESET source
TRST
PORESET
MSC815x
(example: voltage monitor)
On-board TRST source
(example: OnCE)
VDDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com