Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE-RTDUWS-2W Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LE-RTDUWS-2W
Description  compact lightsource in multi chip SMT technology with glass window on top
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-RTDUWS-2W Datasheet(HTML) 1 Page - OSRAM GmbH

  LE-RTDUWS-2W Datasheet HTML 1Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 2Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 3Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 4Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 5Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 6Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 7Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 8Page - OSRAM GmbH LE-RTDUWS-2W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LE RTDUW S2W
OSRAM OSTAR - Stage
Preliminary Datasheet
2012-03-02
1
Besondere Merkmale
• Gehäusetyp: Kompakte Lichtquelle in
Multi-Chip SMT Technologie mit
Glasabdeckung
• Besonderheit des Bauteils: extrem hohe
Helligkeit und Leuchtdichte dank
Oberflächenemission und niedrigem R
th
• Wellenlänge: 625 nm (red); 527 nm (true
green); 453 nm (deep blue)
• Farbort: x = 0,31, y = 0,32 nach
CIE 1931 (ultra white)
• Typische Farbtemperatur: 6500 K (ultra
white)
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Abstrahlende Fläche: typ. 2 x 2 mm²
• Technologie: Thinfilm InGaAlP; ThinGaN
• Lötmethode: Reflow Löten
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-D
• Erweiterte Korrosionsfestigkeit:
Details siehe Seite 16
Anwendungen
• Bühnenbeleuchtung
• Stimmungslicht
• Gebäudebeleuchtung (Effekt- und
Akzentbeleuchtung)
Features
• Package: compact lightsource in multi chip
SMT technology with glass window on top
• Feature of the device: outstanding brightness
and luminance due to pure surface emission
and low R
th
• Wavelength: 625 nm (red); 527 nm (ttrue
green); 453 nm (deep blue)
• Color coordinates: x = 0.31, y = 0.32 acc. to
CIE 1931 (ultra white)
• Typ. color temperature: 6500 K (ultra white)
• Viewing angle: Lambertian Emitter (120°)
• Radiating surface: typ. 2 x 2 mm²
• Technology: Thinfilm InGaAlP; ThinGaN
• Soldering methods: reflow soldering
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-D
• Superior Corrosion Robustness:
details see page 16
Applications
• Stage lighting
• Mood lighting
• Architectural lighting (effect- and accent
lighting)


Similar Part No. - LE-RTDUWS-2W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LE-RTDUW-S2W OSRAM-LE-RTDUW-S2W Datasheet
983Kb / 23P
compact lightsource in SMT technology with glass window on top
LE-RTDUW-S2WP OSRAM-LE-RTDUW-S2WP Datasheet
1Mb / 24P
compact lightsource in SMT technology with glass window on top
More results

Similar Description - LE-RTDUWS-2W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEUWS2W-PXQX-4P7R OSRAM-LEUWS2W-PXQX-4P7R Datasheet
904Kb / 26P
compact lightsource in multi chip SMT technology with glass window on top
LEATBS2W OSRAM-LEATBS2W Datasheet
1Mb / 20P
compact lightsource in multi chip SMT technology with glass window on top
LEUWQ9WP OSRAM-LEUWQ9WP Datasheet
861Kb / 22P
compact lightsource in SMT technology with glass window on top
LEUWS2W OSRAM-LEUWS2W Datasheet
904Kb / 26P
compact lightsource in multi chip SMT technology with glass window on top
LE-A-Q7WP OSRAM-LE-A-Q7WP Datasheet
863Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-A-S2W OSRAM-LE-A-S2W Datasheet
525Kb / 21P
compact lightsource in multi chip SMT technology with glass window on top
LE-ATB-N7WM OSRAM-LE-ATB-N7WM Datasheet
845Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-ATB-S2W OSRAM-LE-ATB-S2W Datasheet
1Mb / 20P
compact lightsource in multi chip SMT technology with glass window on top
LE-B-Q9WN OSRAM-LE-B-Q9WN Datasheet
745Kb / 22P
compact lightsource in SMT technology with glass window on top
LE-UW-S2W OSRAM-LE-UW-S2W Datasheet
904Kb / 26P
compact lightsource in multi chip SMT technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com