Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM47EM0888SBA Datasheet(PDF) 21 Page - Eorex Corporation

Part # EM47EM0888SBA
Description  JEDEC Standard VDD/VDDQ
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47EM0888SBA Datasheet(HTML) 21 Page - Eorex Corporation

Back Button EM47EM0888SBA Datasheet HTML 17Page - Eorex Corporation EM47EM0888SBA Datasheet HTML 18Page - Eorex Corporation EM47EM0888SBA Datasheet HTML 19Page - Eorex Corporation EM47EM0888SBA Datasheet HTML 20Page - Eorex Corporation EM47EM0888SBA Datasheet HTML 21Page - Eorex Corporation EM47EM0888SBA Datasheet HTML 22Page - Eorex Corporation EM47EM0888SBA Datasheet HTML 23Page - Eorex Corporation EM47EM0888SBA Datasheet HTML 24Page - Eorex Corporation EM47EM0888SBA Datasheet HTML 25Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
EM47EM0888SBA
Apr. 2012
21/39
www.eorex.com
AC Operating Test Characteristics
(VDD, VDDQ=1.5V±0.075V)
Speed Bin
-150
(DDR3-1333)
-187
(DDR3-1066)
CL-nRCD-nRP
9-9-9
7-7-7
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
Notes
tWLS
Write leveling setup time from
rising CK,/CK crossing to rising
DQS,/DQS crossing
165
-
195
-
ps
tWLH
Write leveling hold time from
rising DQS,/DQS crossing to
rising CK,/CK crossing
165
-
195
-
ps
tWLO
Write leveling output delay
0
7.5
0
9
ns
tWLOE
Write leveling output error
0
2
0
2
ns
tCK (abs)
Absolute clock period
tCK (avg)min+
tJIT(per)min
tCK (avg)max+
tJIT (per)max
tCK (avg)min+
tJIT (per)min
tCK (avg)max+
tJIT (per)max
ps
tCH (abs)
Absolute clock high pulse width
0.43
-
0.43
-
tCK
(avg)
30
tCL (abs)
Absolute clock low pulse width
0.43
-
0.43
-
tCK
(avg)
31
tJIT (per)
Clock period jitter
-70
70
-80
80
ps
tJIT (per,lck)
Clock period jitter during DLL
locking period
-60
60
-70
70
ps
tJIT (cc)
Cycle to cycle period jitter
-
140
-
160
ps
tJIT (cc,lck)
Cycle to cycle period jitter during
DLL locking period
-
120
-
140
ps
tERR (2per)
Cumulative error across 2 cycles
-103
103
-118
118
ps
tERR (3per)
Cumulative error across 3 cycles
-122
122
-140
140
ps
tERR (4per)
Cumulative error across 4 cycles
-136
136
-155
155
ps
tERR (5per)
Cumulative error across 5 cycles
-147
147
-168
168
ps
tERR (6per)
Cumulative error across 6 cycles
-155
155
-177
177
ps
tERR (7per)
Cumulative error across 7 cycles
-163
163
-186
186
ps
tERR (8per)
Cumulative error across 8 cycles
-169
169
-193
193
ps
tERR (9per)
Cumulative error across 9 cycles
-175
175
-200
200
ps
tERR (10per)
Cumulative error across 10
cycles
-180
180
-205
205
ps
tERR (11per)
Cumulative error across 11
cycles
-184
184
-210
210
ps
tERR (12per)
Cumulative error across 12
cycles
-188
188
-215
215
ps
tERR (nper)
Cumulative error across
n= 13,14,… 49,50 cycles
tERR (nper)min=(1+0.68ln(n))*tJIT (per)min
tERR (nper)max=(1+0.68ln(n))*tJIT (per)max
ps
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com