Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM47EM3288SBA Datasheet(PDF) 21 Page - Eorex Corporation

Part # EM47EM3288SBA
Description  JEDEC Standard VDD/VDDQ
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47EM3288SBA Datasheet(HTML) 21 Page - Eorex Corporation

Back Button EM47EM3288SBA Datasheet HTML 17Page - Eorex Corporation EM47EM3288SBA Datasheet HTML 18Page - Eorex Corporation EM47EM3288SBA Datasheet HTML 19Page - Eorex Corporation EM47EM3288SBA Datasheet HTML 20Page - Eorex Corporation EM47EM3288SBA Datasheet HTML 21Page - Eorex Corporation EM47EM3288SBA Datasheet HTML 22Page - Eorex Corporation EM47EM3288SBA Datasheet HTML 23Page - Eorex Corporation EM47EM3288SBA Datasheet HTML 24Page - Eorex Corporation EM47EM3288SBA Datasheet HTML 25Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
EM47EM3288SBA
May. 2012
21/37
www.eorex.com
AC Operating Test Characteristics
(VDD, VDDQ=1.5V±0.075V)
Symbol
Speed Bin
-125 (DDR3-1600)
-150 (DDR3-1333)
Units
Notes
CL-nRCD-nRP
11-11-11
9-9-9
Parameter
Min.
Max.
Min.
Max.
tANPD
ODT to power-down entry/ exit
latency
WL–1
-
WL–1
-
nCK
ODTLon
ODT turn on latency
WL–2
WL–2
WL–2
WL–2
nCK
ODTLoff
ODT turn off latency
WL–2
WL–2
WL–2
WL–2
nCK
ODTLcnw
ODT latency for changing from
RTT_Nom to RTT_WR
WL–2
WL–2
WL–2
WL–2
nCK
ODTLcwn4
ODT latency for changing from
RTT_WR to RTT_Nom (BC4)
-
4+ODTLoff
-
4+ODTLoff
nCK
ODTLcwn8
ODT latency for changing from
RTT_WR to RTT_Nom (BL8)
-
6+ODTLoff
-
6+ODTLoff
nCK
Note 1: Actual value dependant upon measurement level definitions which are TBD.
Note 2: Commands requiring a locked DLL are: READ (and READA) and synchronous ODT commands.
Note 3: The max values are system dependent.
Note 4: WR as programmed in mode register.
Note 5: Value must be rounded-up to next higher integer value.
Note 6: There is no maximum cycle time limit besides the need to satisfy the refresh interval, tREFI.
Note 7: ODT turn on time (min.) is when the device leaves high impedance and ODT resistance begins to turn
on. ODT turn on time (max.) is when the ODT resistance is fully on. Both are measured from ODTLon.
Note 8: ODT turn-off time (min.) is when the device starts to turn-off ODT resistance. ODT turn-off time (max.)
is when the bus is in high impedance. Both are measured from ODTLoff.
Note 9: tWR is defined in ns, for calculation of tWRPDEN it is necessary to round up tWR / tCK to the next
integer.
Note 10: WR in clock cycles as programmed in MR0.
Note 11: The maximum read postamble is bound by tDQSCK(min) plus tQSH(min) on the left side and
tHZ(DQS)max on the right side.
Note 12: Output timing deratings are relative to the SDRAM input clock. When the device is operated with input
clock jitter, this parameter needs to be derated by TBD.
Note 13: Value is only valid for RON34.
Note 14: Single ended signal parameter. Refer to the section of tLZ(DQS), tLZ(DQ), tHZ(DQS), tHZ(DQ) Notes
for definition and measurement method.
Note 15: tREFI depends on operating case temperature (Tc).
Note 16: tIS(base) and tIH(base) values are for 1V/ns command/ addresss single-ended slew rate and 2V/ns
CK, /CK differential slew rate, Note for DQ and DM signals, VREF(DC) = VREFDQ(DC). For input only pins
except RESET, VREF(DC) = VREFCA(DC). See Address / Command Setup, Hold and Derating section.
Note 17: tDS(base) and tDH(base) values are for 1V/ns DQ single-ended slew rate and 2V/ns DQS, /DQS
differential slew rate. Note for DQ and DM signals, VREF(DC)= VREFDQ(DC). For input only pins except
RESET, VREF(DC) = VREFCA(DC). See Data Setup, Hold and and Slew Rate Derating section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com