Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEM20Q-8-GC3 Datasheet(PDF) 6 Page - PowerDynamics, Inc

Part # PEM20Q-8-GC3
Description  CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PEM20Q-8-GC3 Datasheet(HTML) 6 Page - PowerDynamics, Inc

  PEM20Q-8-GC3 Datasheet HTML 1Page - PowerDynamics, Inc PEM20Q-8-GC3 Datasheet HTML 2Page - PowerDynamics, Inc PEM20Q-8-GC3 Datasheet HTML 3Page - PowerDynamics, Inc PEM20Q-8-GC3 Datasheet HTML 4Page - PowerDynamics, Inc PEM20Q-8-GC3 Datasheet HTML 5Page - PowerDynamics, Inc PEM20Q-8-GC3 Datasheet HTML 6Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PEM Series
Non-Medical Applications
Medical Applications
Insertion loss in dB (50 Ohm circuit)
Insertion loss in dB (50 Ohm circuit)
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1
5 10 30 .15 .5 1
5 10 30
38 58 71 63 56 49 45 79 88 62 50 29
R
R1 Cx 1, 2 Cx 3 Cy 1, 2
L1
L2
(Ohms) (Ohms) (uF) (uF) (pF) (mHx2) (uHx2)
330K
300
0.22 0.47 4700
1.7
30
PDI
P/N
PEM20Q-8-GC3
RR1
Cx 1, 2 Cx 3
L1
L2
(Ohms) (Ohms) (uF)
(uF) (mH x 2) (uH x 2)
330K
300
0.22 0.47
1.7
30
PDI
P/N
PEM20Q-8M-GC3
PDI
P/N
PEM20Q-8M-GC3
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1
5 10 30 .15 .5 1
5 10 30
23 28 30 31 29 23 27 75 94 71 59 34
SCHEMATIC 8M; CASE C3
PDI
P/N
PEM20Q-8-GC3
G
C2
L mH
L mH
L
N
L
R
Cy
C1
1
L uH
L uH
L2
C3
L'
N'
Cy 2
Cy 2
R1
R1
1
Cy1
G
L mH
L mH
L
N
L
R
C1
1
L uH
L uH
L2
C3
L'
N'
R1
R1
C 2
Component Table
Medical Applications
Component Table
Non-Medical Applications
SCHEMATIC 8; CASE C3
Replace “Q” with PS for screw terminals
Current
Rating (A)
20
Current
Rating (A)
20
44
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com