Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEM20Q-8M-GC3 Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # PEM20Q-8M-GC3
Description  CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PEM20Q-8M-GC3 Datasheet(HTML) 2 Page - PowerDynamics, Inc

  PEM20Q-8M-GC3 Datasheet HTML 1Page - PowerDynamics, Inc PEM20Q-8M-GC3 Datasheet HTML 2Page - PowerDynamics, Inc PEM20Q-8M-GC3 Datasheet HTML 3Page - PowerDynamics, Inc PEM20Q-8M-GC3 Datasheet HTML 4Page - PowerDynamics, Inc PEM20Q-8M-GC3 Datasheet HTML 5Page - PowerDynamics, Inc PEM20Q-8M-GC3 Datasheet HTML 6Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PDI
P/N
PEM01Q-1M-AC1
PEM02Q-1M-AC1
PEM03Q-1M-AC1
PEM05Q-1M-AC1
PEM06Q-1M-AC1
PEM10Q-1M-AC1
PEM03Q-1M-AC2
PEM05Q-1M-AC2
PEM10Q-1M-AC2
PEM15Q-1M-AC2
PEM20Q-1M-AC2
PEM04Q-1M-BC2
PDI
P/N
PEM01Q-1-AC1
PEM02Q-1-AC1
PEM03Q-1-AC1
PEM05Q-1-AC1
PEM06Q-1-AC1
PEM10Q-1-AC1
PEM03Q-1-AC2
PEM05Q-1-AC2
PEM10Q-1-AC2
PEM15Q-1-AC2
PEM20Q-1-AC2
PEM04Q-1-BC2
R
Cx 1, 2, 3
Cy
L1, 2
(Ohms)
(uF)
(pF)
(mH x 2)
3.7
2.4
1.8
0.9
0.7
2.2M
0.1
3300
0.3
1.7
1.6
1.0
0.9
0.5
330K
0.47
4700
12
R
Cx 1, 2, 3
L1, 2
(Ohms)
(uF)
(mH x 2)
3.7
2.4
1.8
0.9
0.7
2.2M
0.1
0.3
1.7
1.6
1.0
0.9
0.5
330K
0.47
12
Component Table
Medical Applications
Component Table
Non-Medical Applications
SCHEMATIC 1; CASE C1, C2
Medical Applications
Non-Medical Applications
Insertion loss in dB (50 Ohm circuit)
Insertion loss in dB (50 Ohm circuit)
SCHEMATIC 1M; CASE C1, C2
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1
5 10 30 .15 .5 1
5 10 30
33 74 92 69 58 45
3 76 122 82 64 30
49 71 80 63 55 44
1 56 81 84 69 40
42 63 76 65 57 44
5 63 99 77 62 31
28 50 59 75 61 50
5 62 93 75 62 33
24 44 53 88 62 49
7 44 81 69 57 35
30 52 61 66 55 46
6 47 82 74 61 36
38 60 71 65 57 46
6 66 97 77 63 31
38 60 71 65 57 46
2 57 92 77 64 34
34 61 71 66 58 48
4 51 86 77 64 37
31 52 61 63 56 41
8 44 80 76 64 38
17 43 54 65 56 39 13 22 69 70 59 39
75 89 78 64 55 45 79 94 97 76 56 30
PDI
P/N
PEM01Q-1-AC1
PEM02Q-1-AC1
PEM03Q-1-AC1
PEM05Q-1-AC1
PEM06Q-1-AC1
PEM10Q-1-AC1
PEM03Q-1-AC2
PEM05Q-1-AC2
PEM10Q-1-AC2
PEM15Q-1-AC2
PEM20Q-1-AC2
PEM04Q-1-BC2
PDI
P/N
PEM01Q-1M-AC1
PEM02Q-1M-AC1
PEM03Q-1M-AC1
PEM05Q-1M-AC1
PEM06Q-1M-AC1
PEM10Q-1M-AC1
PEM03Q-1M-AC2
PEM05Q-1M-AC2
PEM10Q-1M-AC2
PEM15Q-1M-AC2
PEM20Q-1M-AC2
PEM04Q-1M-BC2
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1
5 10 30 .15 .5 1
5 10 30
36 40 41 38 32 19
10 69 99 82 64 28
31 35 37 35 31 19
7 62 99 79 63 29
26 31 32 34 32 25
2 57 88 78 65 37
25 29 31 33 34 23
7 46 82 75 63 37
24 28 29 30 30 26
9 41 78 75 62 38
15 24 26 27 26 22
14 19 56 69 58 36
24 27 29 31 30 26
3 60 91 76 65 36
24 27 30 32 30 27
3 59 91 75 63 38
24 29 37 32 31 27
9 42 28 75 63 39
25 29 30 31 30 24
8 44 81 75 63 36
21 26 29 29 28 27
13 22 69 71 60 40
47 49 47 35 29 12
79 97 101 79 60 31
PEM Series
C2
G
L mH
L mH
L
N
L
R
L'
N'
Cy
Cy
C1
L mH
L mH
L
C3
2
1
C2
G
L mH
L mH
L
N
L
R
L'
N'
C1
L mH
L mH
L
C3
2
1
Current
Rating (A)
1
2
3
5
6
10
3
5
10
15
20
4
Current
Rating (A)
1
2
3
5
6
10
3
5
10
15
20
4
Replace “Q” with PS for screw terminals
40
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com