Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KT101W Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KT101W
Description  4Pin Phototransistor Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KT101W Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KT101W Datasheet HTML 1Page - COSMO  Electronics Corporation KT101W Datasheet HTML 2Page - COSMO  Electronics Corporation KT101W Datasheet HTML 3Page - COSMO  Electronics Corporation KT101W Datasheet HTML 4Page - COSMO  Electronics Corporation KT101W Datasheet HTML 5Page - COSMO  Electronics Corporation KT101W Datasheet HTML 6Page - COSMO  Electronics Corporation KT101W Datasheet HTML 7Page - COSMO  Electronics Corporation KT101W Datasheet HTML 8Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PRODUCT SPECIFICATION
DATE:12/20/2012
No. 61P04157
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KT101W
SHEET 4 OF 8
REV
1
Fig.1
Relative Current Transfer Ratio
vs. Ambient Temperature
Fig.2
Diode Power Dissipation
vs. Ambient Temperature
-5 5
0
0
50
25
50
115
75
IF = 0 .5 m A
VC E= 5 V
150
100
Ambient temperature Ta(℃)
Ambient temperature Ta(℃)
Fig.3
Collector Power Dissipation
vs. Ambient Temperature
Fig.4
Total Power Dissipation vs.
Ambient
Temperature
Ambient temperature Ta(℃)
Ambient temperature Ta( ℃)
Fig.5
Current Transfer Ratio vs.
Forward Current
Fig.6
Forward Current vs. Forward Voltage
0 . 5
1
2
1 0
0
1 0 0
2 0 0
3 0 0
4 0 0
5 0 0
6 0 0
7 0 0
8 0 0
0 . 1
5
2 0
Ta=25
VCE=5V
Forward Current IF (mA)
Forward Voltage VF (V)
- 5 5
0
4 0
2 0
2 5
5 0
7 5
1 0 0
1 0 0
8 0
6 0
1 2 5
5 0
1 0 0
0
- 5 5
0
1 5 0
2 0 0
2 5
5 5
7 5
1 0 0
1 2 5
2 0
1 . 0
0 . 5
0
1
25
1 0
3 . 0
2 . 5
2 . 0
1 . 5
5 0 0
1 0 0
5 0
2 0 0
Ta=75
50
25
0
-25
5 0
1 0 0
0
- 5 5
0
1 5 0
2 0 0
2 5
5 5
7 5
1 0 0
1 2 5
2 5 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com