Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D4454 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # D4454
Description  150V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

D4454 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  D4454 Datasheet HTML 1Page - Alpha & Omega Semiconductors D4454 Datasheet HTML 2Page - Alpha & Omega Semiconductors D4454 Datasheet HTML 3Page - Alpha & Omega Semiconductors D4454 Datasheet HTML 4Page - Alpha & Omega Semiconductors D4454 Datasheet HTML 5Page - Alpha & Omega Semiconductors D4454 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOD4454
150V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
20A
RDS(ON) (at VGS=10V)
< 94m
RDS(ON) (at VGS=7V)
< 110m
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
IDM
IAS, IAR
EAS, EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
TC=25°C
2.5
50
TC=100°C
mJ
Maximum Junction-to-Ambient
A
°C/W
RθJA
16
41
20
Parameter
Typ
Max
Units
Junction and Storage Temperature Range
-55 to 175
°C
Thermal Characteristics
The AOD4454 combines advanced trench MOSFET
technology with a low resistance package to provide
extremely low RDS(ON).This device is ideal for boost
converters and synchronous rectifiers for consumer,
telecom, industrial power supplies and LED backlighting.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
150V
A
5
Drain-Source Voltage
150
V
±20
Gate-Source Voltage
40
Pulsed Drain Current
C
Continuous Drain
Current
Avalanche Current
C
2.5
Continuous Drain
Current
1.3
3
Avalanche energy L=0.1mH
C
A
TA=25°C
IDSM
A
TA=70°C
ID
20
14
TC=25°C
TC=100°C
Power Dissipation
B
PD
W
Power Dissipation
A
PDSM
W
TA=70°C
100
1.6
TA=25°C
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
1.2
50
1.5
G
D
S
TO252
DPAK
Top View
Bottom View
G
S
D
G
S
D
Rev 0: February 2011
www.aosmd.com
Page 1 of 6


Similar Part No. - D4454

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D4457N INFINEON-D4457N Datasheet
199Kb / 8P
Netz-Gleichrichterdiode Rectifier Diode
2007-10-22 revision:1
More results

Similar Description - D4454

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
150V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com