Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9775 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9775 Datasheet HTML 3Page - Analog Devices AD9775 Datasheet HTML 4Page - Analog Devices AD9775 Datasheet HTML 5Page - Analog Devices AD9775 Datasheet HTML 6Page - Analog Devices AD9775 Datasheet HTML 7Page - Analog Devices AD9775 Datasheet HTML 8Page - Analog Devices AD9775 Datasheet HTML 9Page - Analog Devices AD9775 Datasheet HTML 10Page - Analog Devices AD9775 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
REV. 0
AD9775
–7–
PIN FUNCTION DESCRIPTIONS
Pin Number
Mnemonic
Description
1, 3
CLKVDD
Clock Supply Voltage
2
LPF
PLL Loop Filter
4, 7
CLKGND
Clock Supply Common
5
CLK+
Differential Clock Input
6
CLK–
Differential Clock Input
8
DATACLK/PLL_LOCK
With the PLL enabled, this pin indicates the state of the PLL. A read of a
Logic “1” indicates the PLL is in the locked state. Logic “0” indicates the
PLL has not achieved lock. This pin may also be programmed to act as
either an input or output (Address 02h, Bit 3) DATACLK signal running at
the input data rate.
9, 17, 25, 35, 44, 52
DGND
Digital Common
10, 18, 26, 36, 43, 51
DVDD
Digital Supply Voltage
11–16, 19–24, 27, 28
P1B13 (MSB) to P1B0 (LSB) Port “1” Data Inputs
29, 30, 49, 50
NC
No Connect
31
IQSEL/P2B13 (MSB)
In “1” port mode, IQSEL = 1 followed by a rising edge of the differential
input clock will latch the data into the I channel input register. IQSEL = 0
will latch the data into the Q channel input register. In “2” port mode, this
pin becomes the port “2” MSB.
32
ONEPORTCLK/P2B12
With the PLL disabled and the AD9775 in “1” port mode, this pin becomes
a clock output that runs at twice the input data rate of the I and Q channels.
This allows the AD9775 to accept and demux interleaved I and Q data to
the I and Q input registers.
33, 34, 37–42, 45–48
P2B11 to P2B0 (LSB)
Port “2” Data Inputs
53
SPI_SDO
In the case where SDIO is an input, SDO acts as an output. When SDIO
becomes an output, SDO enters a High-Z state.
54
SPI_SDIO
Bidirectional Data Pin. Data direction is controlled by Bit 7 of Register
Address 00h. The default setting for this bit is “0,” which sets SDIO as an input.
55
SPI_CLK
Data input to the SPI port is registered on the rising edge of SPI_CLK.
Data output on the SPI port is registered on the falling edge.
56
SPI_CSB
Chip Select/SPI Data Synchronization. On momentary logic high, resets
SPI port logic and initializes instruction cycle.
57
RESET
Logic “1” resets all of the SPI port registers, including Address 00h, to their
default values. A software reset can also be done by writing a Logic “1” to
SPI Register 00h, Bit 5. However, the software reset has no effect on the bits
in Address 00h.
58
REFIO
Reference Output, 1.2 V Nominal
59
FSADJ2
Full-Scale Current Adjust, Q Channel
60
FSADJ1
Full-Scale Current Adjust, I Channel
61, 63, 65, 76, 78, 80
AVDD
Analog Supply Voltage
62, 64, 66, 67, 70, 71, AGND
Analog Common
74, 75, 77, 79
68, 69
IOUTA2, IOUTB2
Differential DAC Current Outputs, Q Channel
72, 73
IOUTA1, IOUTB1
Differential DAC Current Outputs, I Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com