Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RK73Z1HTTPL Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RK73Z1HTTPL
Description  zero ohm jumper chip resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73Z1HTTPL Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RK73Z1HTTPL Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73Z1HTTPL Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RK73Z
zero ohm jumper chip resistor
Part
Designation
Operating
Temperature
Range
Maximum
Continuous Current
@ 70°C
Maximum
Surge Current
@ 70°C
applications and ratings
Maximum
Resistance
RK73Z1E
RK73Z1J
RK73Z2B
RK73Z2E
RK73ZW2H
RK73ZW3A
RK73Z1H
0.5 Amps
2.0 Amps
2.0 Amps
10 Amp Max. for < 1 second
1.0 Amp Max. for < 1 second
RK73Z1F
0.5 Amps
1.0 Amp Max. for < 1 second
5 Amp Max. for < 1 second
50mΩ
-55°C to +155°C
RK73Z2A
1.0 Amps
2 Amp Max. for < 1 second
Derating Curve
environmental applications
100
80
60
40
20
-60
-40
-20
0
40
6080100140
70
20
Ambient Temperature
(°C)
0
-55
120
155
125
1H
1E, 1J, 2A, 2B,
2E, 2H, 3A
1F
33
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/10/13
-55°C to +125°C
For resistors operated at an ambient temperature of 70°C or above,
a current rating shall be derated in accordance with the above derating curve.
Performance Characteristics
Parameter
Requirement
Limit
Typical
Test Method
Resistance
25°C
50mΩ Max.
after the test
15mΩ Max.
after the test
Overload (Short time)
Maximum surge current for 5 seconds
50mΩ Max.
after the test
18mΩ Max.
after the test
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
50mΩ Max.
after the test
15mΩ Max.
after the test
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 100 cycles
50mΩ Max.
after the test
15mΩ Max.
after the test
Moisture Resistance
40°C ± 2°C, 90%-95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
100mΩ Max.
after the test
18mΩ Max.
after the test
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
100mΩ Max.
after the test
18mΩ Max.
after the test
High Temperature Exposure
+125°C, 1000 hours: 1F, 1H
+155°C, 1000 hours: 1E, 1J, 2A, 2B, 2E, W2H, W3A
100mΩ Max.
after the test
15mΩ Max.
after the test



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com