Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9816JS-80010 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9816JS-80010
Description  Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9816JS-80010 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9816JS-80010 Datasheet HTML 4Page - Analog Devices AD9816JS-80010 Datasheet HTML 5Page - Analog Devices AD9816JS-80010 Datasheet HTML 6Page - Analog Devices AD9816JS-80010 Datasheet HTML 7Page - Analog Devices AD9816JS-80010 Datasheet HTML 8Page - Analog Devices AD9816JS-80010 Datasheet HTML 9Page - Analog Devices AD9816JS-80010 Datasheet HTML 10Page - Analog Devices AD9816JS-80010 Datasheet HTML 11Page - Analog Devices AD9816JS-80010 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD9816
–8–
REV. A
DEFINITIONS OF SPECIFICATIONS
INTEGRAL NONLINEARITY (INL)
Integral nonlinearity error refers to the deviation of each indi-
vidual code from a line drawn from “zero scale” through “posi-
tive full scale.” The point used as “zero scale” occurs 1/2 LSB
before the first code transition. “Positive full scale” is defined as
a level 1 1/2 LSB beyond the last code transition. The deviation
is measured from the middle of each particular code to the true
straight line.
DIFFERENTIAL NONLINEARITY (DNL)
An ideal ADC exhibits code transitions which are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Thus every
code must have a finite width. No missing codes guaranteed to
12-bit resolution indicates that all 4096 codes, respectively,
must be present over all operating ranges.
OFFSET ERROR
The first ADC code transition should occur at a level 1/2 LSB
above the nominal zero scale voltage. The offset error is the
deviation of the actual first code transition level from the ideal
level.
GAIN ERROR
The last code transition should occur for an analog value
1 1/2 LSB below the nominal full scale voltage. Gain error is
the deviation of the actual difference between first and last code
transitions and the ideal difference between the first and last
code transitions.
TOTAL OUTPUT NOISE
An ideal ADC outputs only one code value for a dc input
voltage. A real converter has noise sources that will cause a
spread of codes at the output for a dc input voltage. The total
output noise is measured with a grounded input and is equal to
the standard deviation of the histogram of output codes.
CHANNEL-TO-CHANNEL CROSSTALK
In an ideal three-channel system, the signal in one channel will
not influence the signal level of another channel. The channel-
to-channel crosstalk specification is a measure of the change that
occurs in one channel as the other two channels are varied. In
the AD9816, one channel is grounded and the other two chan-
nels are exercised with full-scale input signals. The change in
the output codes from the first channel is measured and com-
pared with the result when all three channels are grounded. The
difference is the channel-to-channel crosstalk, stated in LSBs.
APERTURE DELAY
The aperture delay is the time delay that occurs from when a
sampling edge is applied to the AD9816 until the actual sample
of the input signal is held. For CDSCLK1, the aperture delay
represents the amount of time it takes for the clamp switch
to open after CDSCLK1 transitions from high to low. For
CDSCLK2, the aperture delay is the amount of time after the
CDSCLK2 falling edge that the input signal is sampled.
POWER SUPPLY REJECTION
Power supply rejection specifies the maximum full-scale change
that occurs from the initial value when the supplies are varied
over the specified limits.
FUNCTIONAL DESCRIPTION
The AD9816 can be operated in several different modes:
3-channel CDS mode, 3-channel SHA mode, 1-channel CDS
mode, and 1-channel SHA mode. Each mode is selected by
programming the Configuration Register through the serial
interface. For more detail on CDS or SHA mode operation, see
Circuit Descriptions section.
3-Channel CDS Mode
In 3-channel CDS mode, the AD9816 simultaneously samples
the red, green and blue input voltages from the CCD outputs.
The sampling points for each Correlated Double Sampler (CDS)
are controlled by CDSCLK1 and CDSCLK2. CDSCLK1’s fall-
ing edge clamps the reference level of the CCD waveform at the
analog inputs of the AD9816. CDSCLK2’s falling edge samples
the data level of the CCD waveform. Each CDS amplifier out-
puts the difference between the CCD reference and data levels.
Next, the output voltage of each CDS amplifier is level-shifted
by an Offset DAC. The voltages are then scaled by the three
Programmable Gain Amplifiers before being multiplexed to the
common 12-bit ADC. The ADC sequentially samples the PGA
outputs on the falling edges of ADCCLK.
Timing for this mode is shown in Figure 1, using a 2
× master
clock. Although it is not required, it is recommended that the
falling edge of CDSCLK2 be aligned with the rising edge of
ADCCLK. The rising edge of CDSCLK2 should not occur
before the previous falling edge of ADCCLK, as shown by tADC2.
The maximum allowable width of CDSCLK2 will be dependent
on the ADCCLK period, and equal to one ADCCLK period
minus 30 ns. The output data latency is three clock cycles.
The offset and gain values for the red, green, and blue channels
are programmed using the serial interface. The order in which
the channels are switched through the multiplexer is selected by
programming the MUX register. The rising edge of CDSCLK2
always resets the multiplexer.
3-Channel SHA Mode
In 3-channel SHA mode, the AD9816 simultaneously samples
the red, green, and blue input voltages. The sample-and-hold
amplifier’s sampling point is controlled by CDSCLK2. CDSCLK2’s
falling edge samples the input waveforms on each channel. The
output voltages from the three SHAs are modified by the offset
DACs and then scaled by the three PGAs. The outputs of the
PGAs are then multiplexed through the 12-bit ADC. The ADC
sequentially samples the PGA outputs on the falling edges of
ADCCLK.
The input signal is sampled with respect to the voltage applied
to the OFFSET pin. With the OFFSET pin grounded, a zero
volt input corresponds to the ADC’s zero scale output. The
input clamp is disabled in this mode. However, the OFFSET
pin may be used as a coarse offset adjust pin. A voltage applied
to this pin will be subtracted from the voltages applied to the
red, green and blue inputs in the first amplifier stage of the
AD9816. For more information, see the Circuit Descriptions
section.
Timing for this mode is shown in Figure 2, using a 1
× master
clock. CDSCLK1 should be grounded in this mode. Although
it is not required, it is recommended that the falling edge of
CDSCLK2 be aligned with the rising edge of ADCCLK. The
rising edge of CDSCLK2 should not occur before the previous
falling edge of ADCCLK, as shown by tADC2. The maximum
allowable width of CDSCLK2 will be dependent on the ADCCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com