Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD9834EB Datasheet(PDF) 13 Page - Analog Devices

Part # EVAL-AD9834EB
Description  Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD9834EB Datasheet(HTML) 13 Page - Analog Devices

Back Button EVAL-AD9834EB Datasheet HTML 9Page - Analog Devices EVAL-AD9834EB Datasheet HTML 10Page - Analog Devices EVAL-AD9834EB Datasheet HTML 11Page - Analog Devices EVAL-AD9834EB Datasheet HTML 12Page - Analog Devices EVAL-AD9834EB Datasheet HTML 13Page - Analog Devices EVAL-AD9834EB Datasheet HTML 14Page - Analog Devices EVAL-AD9834EB Datasheet HTML 15Page - Analog Devices EVAL-AD9834EB Datasheet HTML 16Page - Analog Devices EVAL-AD9834EB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD9834
–13–
REV PrM
PRELIMINARY TECHNICAL DATA
Table 8: Writing 3FFF to the 14 LSBs of FREQ1 REG
SDATA input
Result of input word
0000 0000 0000 0000
Control word write (D15, D14 = 00);
B28 (D13) = 0; HLB (D12) = 0, i.e. LSBs
1011 1111 1111 1111
FREQ1 REG write (D15, D14 = 10);
14 LSBs = 3FFF
Table 9: Writing 3FFF to the 14 MSBs of FREQ0 REG
SDATA input
Result of Input word
0001 0000 0000 0000
Control word write (D15, D14 = 00);
B28 (D13) = 0; HLB (D12) = 1, i.e. MSBs
0111 1111 1111 1111
FREQ0 REG write (D15, D14 = 01);
14 MSBs = 3FFF
Writing to a Phase Register:
When writing to a phase register, bits D15 and D14 are
set to 11. Bit D13 identifies which phase register is being
loaded.
Table 10. Phase Register Bits
D15 D14
D13
D12
D11
D 0
1
1
0
X
MSB
12 PHASE0 BITS
LSB
1
1
1
X
MSB
12 PHASE1 BITS
LSB
The RESET Function
The RESET function resets appropriate internal registers
to zero to provide an analog output of midscale. RESET
does not reset the phase, frequency or control registers.
When the AD9834 is powered up, the part should be re-
set. To reset the AD9834, set the RESET pin/bit to 1. To
take the part out of reset, set the pin/bit to 0. A signal will
appear at the DAC output 7 MCLK cycles after RESET is
set to 0.
The RESET function is controlled by both the RESET
pin and the RESET control bit. If the control bit PIN/SW
= 0, the RESET bit controls the function, whereas if PIN/
SW = 1, the pin control the function.
Table 11: Applying RESET
RESET pin
RESET bit
PIN/SW
Result
0
X
1
No Reset Applied
1
X
1
Internal Registers Reset
X
0
0
No Reset Applied
X
1
0
Internal Registers Reset
The effect of asserting the RESET pin is seen immedi-
ately at the output, i.e. the zero to one transition of this
pin is not sampled. However, the negative transition of
RESET is sampled on the internal falling edge of MCLK.
The Sleep Function
Sections of the AD9834 which are not in use can be pow-
ered down minimise power consumption. This is done
using the Sleep Function. The parts of the chip that can
be powered down are the Internal clock and the DAC.
The DAC can be powered down through hardware or
software. The pin/bits required for the Sleep Function are
outlined in Table 12.
Table 12: Applying the SLEEP Funct
ion
SLEEP
SLEEP1 SLEEP12
PIN/SW
Result
pin
bit
bit
bit
0
X
X
1
No powerdown
1
X
X
1
DAC Powered Down
X
0
0
0
No powerdown
X
0
1
0
DAC Powered Down
X
1
0
0
Internal Clock disabled
X
1
1
0
Both the DAC powered
down and the Internal
Clock disabled
DAC Powered Down: This is useful when the AD9834 is
used to output the MSB of the DAC data only. In this
case, the DAC is not required so it can be powered down
to reduce power consumption.
Internal Clock disabled: When the internal clock of the
AD9834 is disabled the DAC output will remain at its
present value as the NCO is no longer accumulating. New
frequency, phase and control words can be written to the
part when the SLEEP1 control bit is active. The
synchronising clock is still active which means that the
selected frequency and phase registers can also be changed
either at the pins or by using the control bits. Setting the
SLEEP1 bit equal to 0 enables the MCLK. Any changes
made to the registers while SLEEP1 was active will be
seen at the output after a certain latency.
The effect of asserting the SLEEP pin is seen immediately
at the output, i.e. the zero to one transition of this pin is
not sampled. However, the negative transition of SLEEP
is sampled on the internal falling edge of MCLK.
The SIGN BIT OUT Pin
The AD9834 offers a variety of outputs from the chip.
The digital outputs are available from the SIGN BIT
OUT pin. The available outputs are the comparator out-
put or the MSB of the DAC data.
This pin must be enabled before use. The enabling/dis-
abling of this pin is controlled by the bit OPBITEN (D5)
in the control register. When OPBITEN = 1, this pin is
enabled. Note that the MODE bit (D1) in the control
register should be set to '0' if OPBITEN = '1'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com