Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL37231DRAZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL37231DRAZ
Description  10.3125 Gb/s Retiming Dual-Channel Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL37231DRAZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL37231DRAZ Datasheet HTML 1Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 2Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 3Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 4Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 5Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 6Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 7Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 8Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ISL37231
3
FN8266.1
January 25, 2013
Pin Functions and Definitions
PIN NAME
PIN NUMBER
DIRECTION
DESCRIPTION
AIN1[P,N]
A1, A42
Input
High-speed differential input for on-ramp (device to cable) Channel 1, CML. The use of series
220nF, low ESL/ESR, MLCC capacitors with at least 8GHz frequency response is recommended.
GND
A2, A10, A13, A16,
A17, A20, A23, A30,
A31, A34, A37, A38,
A41, B4, B6, B7, B16,
B19, B20, B26, B27,
Exposed Pad
Ground. For proper electrical and thermal performance, each of these pads must be connected
to the PCB ground plane. For the exposed pad, 3x5 or 4x5 via pattern is recommended,
assuming 0.004" diameter vias.
XTAL[P,N]
A3, B1
Input
External 33MHz crystal oscillator input/output. An external 33MHz clock source (1V CMOS logic
level) can optionally be connected XTALP, in which case XTALN must be left floating. A
differential 33MHz clock source (1V CMOS logic levels) can be input on XTALP and XTALN if
OSCMODE (pin A29) is pulled high to 1.8V.
AUTX1
A4
Output
Auxiliary UART output 1. AUTX1 can be configured via the on-chip microcontroller as either a
UART output or a GPIO pin, with either 1.8V push-pull or 3.3V tolerant open drain voltage levels.
AURX1
A5
Input
Auxiliary UART data input 1, 1.8V powered CMOS logic tolerant to 3.3V.
EEWE
A6
Output
EEPROM write enable open drain output. Externally pulled high to 3.3V via a ≥5kΩ resistor.
Pulled low when the ISL37231 writes to an external EEPROM device via the I2C serial interface.
CFIG2
A7
Output
Thunderbolt CONFIG2 indicator output. 1.8V powered CMOS logic. Pulled high after the
ISL37231 is powered up and stable to indicate to a Thunderbolt controller that a Thunderbolt
cable has been plugged in.
OSCEN
A8
Oscillator enable. CMOS logic, 1.8V. Used as a deep-sleep state indicator. During normal
operation, OSCEN is pulled high. When entering deep-sleep mode, OSCEN is pulled low. Output
is not pulled high again until transitions are detected on the URX input pin (A27).
AUTX2
A9
Output
Auxiliary UART output 2. AUTX2 can be configured via the on-chip microcontroller as either a
UART output or a GPIO pin, with either 1.8V push-pull or 3.3V tolerant open drain voltage levels.
BIN1[P,N]
A11, A12
Input
High-speed differential input for off-ramp (cable to device) Channel 1, CML. The use of series
220nF, low ESL/ESR, MLCC capacitors with at least 8GHz frequency response is recommended.
(Note 4)
BOUT1[N,P]
A14, A15
Output
High-speed differential output for off-ramp (cable to device) Channel 1, CML. The use of series
220nF, low ESL/ESR, MLCC capacitors with at least 8GHz frequency response is recommended.
BOUT2[P,N]
A18, A19
Output
High-speed differential output for off-ramp (cable to device) Channel 2, CML. The use of series
220nF, low ESL/ESR, MLCC capacitors with at least 8GHz frequency response is recommended.
BIN2[N,P]
A21, A22
Input
High-speed differential input for off-ramp (cable to device) Channel 2, CML. The use of series
220nF, low ESL/ESR, MLCC capacitors with at least 8GHz frequency response is recommended.
(Note 4)
LSEN
A24
Output
Level shift enable output. 1.8V powered CMOS logic. Pulled high to indicate an operational UART
interface to the ISL37231. When pulled low, UTX (pin A28) is set to a high impedance state.
SCL
A25
Serial interface clock. Open drain output, externally pulled high to 3.3V via a ≥5kΩ resistor. I2C
clock, recommended clock speed is 400kHz.
SDA
A26
Serial interface data. Open drain output, externally pulled high to 3.3V via a ≥5kΩ resistor.
Bi-directional data from/to I2C bus.
URX
A27
Input
UART data input. 1.8V powered CMOS logic, but URX is 3.3V tolerant. When the ISL37231 is in
“Sleep” mode, a H to L transition on URX causes the ISL37231 to drive OSCEN high.
UTX
A28
Output
UART data tri-statable output. 1.8V powered CMOS logic. UTX is set to a high impedance state
when the UART interface is not in use and LSEN is pulled low. If UTX interfaces to a 3.3V powered
UART, then a level translator IC may be needed.
OSCMODE
A29
Input
Oscillator mode. CMOS logic, 1.8V, internally pulled low. When OSCMODE is low, the XTALP and
XTALN input pins (A3 and B1) are configured for operation with an external crystal or with an
external single-ended clock on XTALP (XTALN must be left floating in this latter case). When
OSCMODE is pulled high, the XTALP and XTALN input pins are configured for operation with an
external differential clock.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com